Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS824 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADS824
Szczegółowy opis  ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS824 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS824 Datasheet HTML 3Page - Texas Instruments ADS824 Datasheet HTML 4Page - Texas Instruments ADS824 Datasheet HTML 5Page - Texas Instruments ADS824 Datasheet HTML 6Page - Texas Instruments ADS824 Datasheet HTML 7Page - Texas Instruments ADS824 Datasheet HTML 8Page - Texas Instruments ADS824 Datasheet HTML 9Page - Texas Instruments ADS824 Datasheet HTML 10Page - Texas Instruments ADS824 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ADS824
7
SBAS076A
INTEGRAL LINEARITY ERROR
Output Code
2.0
1.0
0
–1.0
–2.0
0
256
512
768
1024
f
IN = 1MHz
DIFFERENTIAL LINEARITY ERROR
Output Code
1.0
0.5
0
–0.5
–1.0
0
256
512
768
1024
f
IN = 10MHz
TYPICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, VS = +5V, single-ended input range = 1.5V to 3.5V, and sampling rate = 70MHz, external reference, unless otherwise noted.
DIFFERENTIAL LINEARITY ERROR
Output Code
1.0
0.5
0
–0.5
–1.0
0
256
512
768
1024
f
IN = 20MHz
SWEPT POWER SFDR
Input Amplitude (dBFS)
100
80
60
40
20
0
–60
–50
–40
–30
–10
–20
0
dBFS
dBc
f
IN = 10MHz
800k
600k
400k
200k
0
OUTPUT NOISE HISTOGRAM (DC Input)
N-2
N-1
N
N+1
N+2
Output Code
POWER DISSIPATION vs TEMPERATURE
Temperature (°C)
360
350
340
330
320
–50
0
25
–25
50
75
100
Internal Reference
VDRV = +5V
External Reference


Podobny numer części - ADS824

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS824 BURR-BROWN-ADS824 Datasheet
185Kb / 12P
   10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS824E BURR-BROWN-ADS824E Datasheet
185Kb / 12P
   10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS824

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com