Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS902 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części ADS902
Szczegółowy opis  ANALOG-TO-DIGITAL CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS902 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS902 Datasheet HTML 4Page - Texas Instruments ADS902 Datasheet HTML 5Page - Texas Instruments ADS902 Datasheet HTML 6Page - Texas Instruments ADS902 Datasheet HTML 7Page - Texas Instruments ADS902 Datasheet HTML 8Page - Texas Instruments ADS902 Datasheet HTML 9Page - Texas Instruments ADS902 Datasheet HTML 10Page - Texas Instruments ADS902 Datasheet HTML 11Page - Texas Instruments ADS902 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADS902
11
SBAS063A
POWER-DOWN MODE
The ADS902’s low power consumption can be reduced even
further by initiating a power-down mode. To do so, the
Pwrdn-Pin (Pin 17) must be tied to a logic “High” reducing
the current drawn from the supply by about 88%. In normal
operation the power-down mode is disabled by an internal
pull-down resistor (50k
Ω).
During power-down, the digital outputs are set into the high-
impedance condition (3-state). With the clock applied, the
converter does not accurately process the sampled signal.
After removing the power-down condition the output data
from the following 5 clock cycles is invalid (data latency).
DECOUPLING AND GROUNDING
CONSIDERATIONS
The ADS902 converter has several supply pins, one of
which is dedicated to supply only the output driver. The
remaining supply pins are not, as is often the case, divided
into analog and digital supply pins since they are internally
connected on the chip. For this reason it is recommended to
treat the converter as an analog component and to power it
from the analog supply only. Digital supply lines often carry
high levels of noise which can couple back into the converter
and limit the achievable performance.
Because of the pipeline architecture, the converter also
generates high frequency transients and noise that are fed
back into the supply and reference lines. This requires that
the supply and reference pins be sufficiently bypassed.
Figure 9 shows the recommended decoupling scheme for the
analog supplies. In most cases 0.1
µF ceramic chip capacitors
are adequate to keep the impedance low over a wide fre-
quency range. Their effectiveness largely depends on the
proximity to the individual supply pin. Therefore, they
should be located as close to the supply pins as possible.
FIGURE 9. Recommended Bypassing for Analog Supply
Pins.
+V
S
1
13
14
GND
ADS902
0.1µF
+V
S
18
19
20
GND
0.1µF
+V
S
28
0.1µF


Podobny numer części - ADS902

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS902E BURR-BROWN-ADS902E Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS902

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com