Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7819 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części ADS7819
Szczegółowy opis  ANALOG-to-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7819 Arkusz danych(HTML) 2 Page - Texas Instruments

  ADS7819 Datasheet HTML 1Page - Texas Instruments ADS7819 Datasheet HTML 2Page - Texas Instruments ADS7819 Datasheet HTML 3Page - Texas Instruments ADS7819 Datasheet HTML 4Page - Texas Instruments ADS7819 Datasheet HTML 5Page - Texas Instruments ADS7819 Datasheet HTML 6Page - Texas Instruments ADS7819 Datasheet HTML 7Page - Texas Instruments ADS7819 Datasheet HTML 8Page - Texas Instruments ADS7819 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
®
ADS7819
SPECIFICATIONS
At T
A = –40°C to +85°C, fS = 800kHz, +VDIG = +VANA = +5V, –VANA = –5V, using internal reference and the 50Ω input resistor shown in Figure 4b, unless otherwise specified.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
ADS7819P, U
ADS7819PB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
12
*
Bits
ANALOG INPUT
Voltage Range
±2.5
*
V
Impedance
3.1
*
k
Capacitance
5*
pF
THROUGHPUT SPEED
Conversion Time
940
*
ns
Complete Cycle
Acquire & Convert
1250
*
ns
Throughput Rate
800
*
kHz
DC ACCURACY
Integral Linearity Error
±1
±0.75
LSB(1)
Differential Linearity Error
±1
*
LSB
No Missing Codes
Guaranteed
*
Transition Noise(2)
0.1
*
LSB
Full Scale Error(3, 4)
±0.5
±0.25
%
Full Scale Error Drift
±12
*
ppm/
°C
Full Scale Error(3, 4)
Ext. 2.5000V Ref
±0.5
*
%
Full Scale Error Drift
Ext. 2.5000V Ref
±12
*
ppm/
°C
Bipolar Zero Error(3)
±8
±4
LSB
Bipolar Zero Error Drift
±2
*
ppm/
°C
Power Supply Sensitivity
(+VDIG = +VANA = VD)
+4.75V < VD < +5.25V
±5
*
LSB
–5.25V < –VANA < –4.75V
±0.5
*
LSB
AC ACCURACY
Spurious-Free Dynamic Range
fIN = 250kHz
74
84
77
85
dB(5)
Total Harmonic Distortion
fIN = 250kHz
–82
–74
–83
–77
dB
Signal-to-(Noise+Distortion)
fIN = 250kHz
68
71
70
*
dB
Signal-to-Noise
fIN = 250kHz
68
71
70
*
dB
Usable Bandwidth(6)
1.5
*
MHz
SAMPLING DYNAMICS
Aperture Delay
20
*
ns
Aperture Jitter
10
*
ps
Transient Response
FS Step
180
*
ns
Overvoltage Recovery(7)
250
*
ns
REFERENCE
Internal Reference Voltage
2.48
2.5
2.52
*
*
*
V
Internal Reference DC Source Current
100
*
µA
(External load should be static)
Internal Reference Drift
6
ppm/
°C
External Reference Voltage Range
2.3
2.5
2.7
*
*
*
V
For Specified Linearity
External Reference Current Drain
Ext. 2.5000V Ref
100
*
µA
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
*
*
V
VIH
+2.4
VD + 0.3
*
*
V
IIL
VIL = 0V
±10
*
µA
IIH
VIH = 5V
±10
*
µA
DIGITAL OUTPUTS
Data Format
Parallel 12-bits
Data Coding
Binary Two’s Complement
VOL
ISINK = 1.6mA
+0.4
*
V
VOH
ISOURCE = 500µA
+2.8
*
V
Leakage Current
High-Z State,
±5*
µA
VOUT = 0V to VDIG
Output Capacitance
High-Z State
15
*
pF
DIGITAL TIMING
Bus Access Time
62
*
ns
Bus Relinquish Time
83
*
ns


Podobny numer części - ADS7819

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7819P BURR-BROWN-ADS7819P Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7819PB BURR-BROWN-ADS7819PB Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7819U BURR-BROWN-ADS7819U Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7819UB BURR-BROWN-ADS7819UB Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Podobny opis - ADS7819

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com