Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7822 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7822
Szczegółowy opis  ANALOG-TO-DIGITAL CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7822 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS7822 Datasheet HTML 5Page - Texas Instruments ADS7822 Datasheet HTML 6Page - Texas Instruments ADS7822 Datasheet HTML 7Page - Texas Instruments ADS7822 Datasheet HTML 8Page - Texas Instruments ADS7822 Datasheet HTML 9Page - Texas Instruments ADS7822 Datasheet HTML 10Page - Texas Instruments ADS7822 Datasheet HTML 11Page - Texas Instruments ADS7822 Datasheet HTML 12Page - Texas Instruments ADS7822 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
1k
10k
100k
1M
10M
RippleFrequency(Hz)
V
=2.7V
CC
Ripple=500mV
PP
V
=1.25VDC
IN
V
=2.5V
REF
PSR(dB)=20log(500mV/DV )
O
where DV =changeindigitalresult
O
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
1k
10
10k
1
100k
1M
10M
RippleFrequency(Hz)
V
=5V
CC
Ripple=500mV
PP
V
=2.5VDC
IN
V
=5V
REF
PSR(dB)=20log(500mV/DV )
O
where DV =changeindigitalresult
O
0.20
0.15
0.10
0.05
0.00
-0.05
-0.10
1
2
3
4
5
ReferenceVoltage(V)
V
=5V
CC
ChangeinIntegral
Linearity(LSB)
ChangeinDifferential
Linearity(LSB)
ADS7822
SBAS062C – JANUARY 1996 – REVISED AUGUST 2007
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VCC = +2.7V, VREF = +2.5V, fSAMPLE = 75kHz, fCLK = 16 × fSAMPLE, unless otherwise specified.
POWER-SUPPLY REJECTION
POWER-SUPPLY REJECTION
vs RIPPLE FREQUENCY
vs RIPPLE FREQUENCY
Figure 19.
Figure 20.
CHANGE IN INTEGRAL LINEARITY
AND DIFFERENTIAL LINEARITY
vs REFERENCE VOLTAGE
Figure 21.
Copyright © 1996–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS7822


Podobny numer części - ADS7822

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822-Q1 TI1-ADS7822-Q1 Datasheet
769Kb / 23P
[Old version datasheet]   12-BIT 200-kHz MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7822B BURR-BROWN-ADS7822B Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822C BURR-BROWN-ADS7822C Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7822

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com