Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7823 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7823
Szczegółowy opis  Sampling A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7823 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS7823 Datasheet HTML 4Page - Texas Instruments ADS7823 Datasheet HTML 5Page - Texas Instruments ADS7823 Datasheet HTML 6Page - Texas Instruments ADS7823 Datasheet HTML 7Page - Texas Instruments ADS7823 Datasheet HTML 8Page - Texas Instruments ADS7823 Datasheet HTML 9Page - Texas Instruments ADS7823 Datasheet HTML 10Page - Texas Instruments ADS7823 Datasheet HTML 11Page - Texas Instruments ADS7823 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ADS7823
8
SBAS180B
FIGURE 1. Simplified I/O of the ADS7823.
Microcontroller
+2.7V to +3.6V
1
µF to
10
µF
+
2k
2k
5
1
µF to
10
µF
+
0.1
µF
ADS7823
V
REF
A
IN
A0
V
DD
SDA
SCL
A1
GND
THEORY OF OPERATION
The ADS7823 is a classic Successive Approximation Register
(SAR) A/D converter. The architecture is based on capacitive
redistribution which inherently includes a sample-and-hold
function. The converter is fabricated on a 0.6
µ CMOS process.
The ADS7823 core is controlled by an internally-generated
free-running clock. When the ADS7823 is not performing
conversions or being addressed, it keeps the A/D converter
core powered off, and the internal clock does not operate.
The ADS7823 has an internal 4-word first-in last-out buffer
(FILO) that stores the results of up to four conversions while
they are waiting to be read out over the I2C bus.
The simplified diagram of input and output for the ADS7823
is shown in Figure 1.
ANALOG INPUT
When the converter enters the hold mode, the voltage on the
AIN pin is captured on the internal capacitor array. The input
current on the analog inputs depends on the conversion rate
of the device. During the sample period, the source must
charge the internal sampling capacitor (typically 25pF). After
the capacitor has been fully charged, there is no further input
current. The amount of charge transfer from the analog
source to the converter is a function of conversion rate.
REFERENCE INPUT
The external reference sets the analog input range. The
ADS7823 will operate with a reference in the range of 50mV
to VDD. There are several important implications of this.
As the reference voltage is reduced, the analog voltage
weight of each digital output code is reduced. This is often
referred to as the LSB (least significant bit) size and is equal
to the reference voltage divided by 4096. This means that
any offset or gain error inherent in the A/D converter will
appear to increase, in terms of LSB size, as the reference
voltage is reduced.
The noise inherent in the converter will also appear to increase
with lower LSB size. With a 2.5V reference, the internal noise
of the converter typically contributes only 0.32LSB peak-to-
peak of potential error to the output code. When the external
reference is 50mV, the potential error contribution from the
internal noise will be 50 times larger—16LSBs. The errors due
to the internal noise are Gaussian in nature and can be
reduced by averaging consecutive conversion results.
DIGITAL INTERFACE
The ADS7823 supports the I2C serial bus and data transmis-
sion protocol, in all three defined modes: standard, fast, and
high-speed. A device that sends data onto the bus is defined
as a transmitter, and a device receiving data as a receiver.


Podobny numer części - ADS7823

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7823 BURR-BROWN-ADS7823 Datasheet
275Kb / 15P
   12-Bit, Sampling A/D Converter with I2C INTERFACE
logo
Texas Instruments
ADS7823 TI1-ADS7823 Datasheet
637Kb / 20P
[Old version datasheet]   12-Bit, Sampling A/D Converter with I2C??INTERFACE
logo
Burr-Brown (TI)
ADS7823E/250 BURR-BROWN-ADS7823E/250 Datasheet
275Kb / 15P
   12-Bit, Sampling A/D Converter with I2C INTERFACE
ADS7823E/2K5 BURR-BROWN-ADS7823E/2K5 Datasheet
275Kb / 15P
   12-Bit, Sampling A/D Converter with I2C INTERFACE
ADS7823E250 BURR-BROWN-ADS7823E250 Datasheet
275Kb / 15P
   12-Bit, Sampling A/D Converter with I2C INTERFACE
More results

Podobny opis - ADS7823

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC12DL080 TI1-ADC12DL080_15 Datasheet
831Kb / 34P
[Old version datasheet]   A/D Converter for IF Sampling
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
SP8537 SIPEX-SP8537 Datasheet
220Kb / 12P
   Micropower Sampling 10-Bit A/D Converter
logo
Linear Technology
LTC1414 LINER-LTC1414 Datasheet
353Kb / 20P
   14-Bit, 2.2Msps, Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
API Technologies Corp
MN6500 APITECH-MN6500 Datasheet
1Mb / 8P
   16-bit, 100kHz Sampling A/D Converter
logo
C&D Technologies
ADS-325A CANDD-ADS-325A Datasheet
145Kb / 8P
   10-Bit, 20MHz Sampling A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com