Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7821UB Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części ADS7821UB
Szczegółowy opis  ANALOG-to-DIGITAL CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7821UB Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS7821UB Datasheet HTML 2Page - Texas Instruments ADS7821UB Datasheet HTML 3Page - Texas Instruments ADS7821UB Datasheet HTML 4Page - Texas Instruments ADS7821UB Datasheet HTML 5Page - Texas Instruments ADS7821UB Datasheet HTML 6Page - Texas Instruments ADS7821UB Datasheet HTML 7Page - Texas Instruments ADS7821UB Datasheet HTML 8Page - Texas Instruments ADS7821UB Datasheet HTML 9Page - Texas Instruments ADS7821UB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
®
6
ADS7821
CS and R/C are internally OR’d and level triggered. There
is not a requirement which input goes LOW first when
initiating a conversion. If, however, it is critical that CS or
R/C initiates conversion ‘n’, be sure the less critical input is
LOW at least 10ns prior to the initiating input.
To reduce the number of control pins, CS can be tied LOW
using R/C to control the read and convert modes. However,
the output will become active whenever R/C goes HIGH.
Refer to the Reading Data section.
BASIC OPERATION
Figure 1 shows a basic circuit to operate the ADS7821 with
a full parallel data output. Taking R/C (pin 24) LOW for a
minimum of 40ns (5
µs max) will initiate a conversion.
BUSY (pin 26) will go LOW and stay LOW until the
conversion is completed and the output registers are up-
dated. Data will be output in Straight Binary with the MSB
on pin 6. BUSY going HIGH can be used to latch the data.
All convert commands will be ignored while BUSY is
LOW.
The ADS7821 will begin tracking the input signal at the end
of the conversion. Allowing 10
µs between convert com-
mands assures accurate acquisition of a new signal.
STARTING A CONVERSION
The combination of CS (pin 25) and R/C (pin 24) LOW for
a minimum of 40ns immediately puts the sample/hold of the
ADS7821 in the hold state and starts conversion ‘n’. BUSY
(pin 26) will go LOW and stay LOW until conversion ‘n’ is
completed and the internal output register has been updated.
All new convert commands during BUSY LOW will be
ignored. CS and/or R/C must go HIGH before BUSY goes
HIGH or a new conversion will be initiated without suffi-
cient time to acquire a new signal.
The ADS7821 will begin tracking the input signal at the end
of the conversion. Allowing 10
µs between convert com-
mands assures accurate acquisition of a new signal. Refer to
Table II for a summary of CS, R/C, and BUSY states and
Figures 3 through 5 for timing diagrams.
CS
R/C
BUSY
OPERATION
1
X
X
None. Databus is in Hi-Z state.
0
1
Initiates conversion “n”. Databus remains
in Hi-Z state.
0
1
Initiates conversion “n”. Databus enters Hi-Z
state.
01
Conversion “n” completed. Valid data from
conversion “n” on the databus.
1
1
Enables databus with valid data from
conversion “n”.
1
0
Enables databus with valid data from
conversion “n-1”(1). Conversion n in progress.
0
0
Enables databus with valid data from
conversion “n-1”(1). Conversion “n” in progress.
00
New conversion initiated without acquisition
of a new signal. Data will be invalid. CS and/or
R/C must be HIGH when BUSY goes HIGH.
X
X
0
New convert commands ignored. Conversion
“n” in progress.
NOTE: (1) See Figures 3 and 4 for constraints on data valid from
conversion “n-1”.
Table II. Control Line Functions for “Read” and “Convert”.
FIGURE 1. Basic Operation.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS7821
+5V
0.1µF
10µF
+
+
2.2µF
+
+
2.2µF
Convert Pulse
40ns min
5µs max
D4
D5
D6
D7
D2
D1
D0 (LSB)
D3
D10
D9
D8
D11
D12
D13
D14
D15 (MSB)


Podobny numer części - ADS7821UB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7821UB BURR-BROWN-ADS7821UB Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Podobny opis - ADS7821UB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com