Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7829IBDRBRG4 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części ADS7829IBDRBRG4
Szczegółowy opis  ANALOG-TO-DIGITAL CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7829IBDRBRG4 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS7829IBDRBRG4 Datasheet HTML 1Page - Texas Instruments ADS7829IBDRBRG4 Datasheet HTML 2Page - Texas Instruments ADS7829IBDRBRG4 Datasheet HTML 3Page - Texas Instruments ADS7829IBDRBRG4 Datasheet HTML 4Page - Texas Instruments ADS7829IBDRBRG4 Datasheet HTML 5Page - Texas Instruments ADS7829IBDRBRG4 Datasheet HTML 6Page - Texas Instruments ADS7829IBDRBRG4 Datasheet HTML 7Page - Texas Instruments ADS7829IBDRBRG4 Datasheet HTML 8Page - Texas Instruments ADS7829IBDRBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
ADS7826
ADS7827
ADS7829
SLAS388 – JUNE 2003
SPECIFICATIONS (continued)
At -40
°C to 85°C, V
CC = 2.7 V, Vref = 2.5 V, unless otherwise specified.
ADS7829IB
ADS7829
ADS7826I
ADS7827I
TEST
PARAMETER
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VOH
IOH = -250 µA
2.2
2.1
2.1
2.1
V
VOL
IOL = 250 µA
0.4
0.4
0.4
0.4
V
Data format
Straight binary
Straight binary
Straight binary
Straight binary
POWER SUPPLY REQUIREMENTS
VCC
Operating range
2.7
3.6
2.7
3.6
2.7
3.6
2.7
3.6
V
See (3) and (2)
2.0
2.7
2.0
2.7
2.0
2.7
2.0
2.7
V
See (2)
3.6
5.25
3.6
5.25
3.6
5.25
3.6
5.25
V
Quiescent cur-
Full speed (4)
220
350
220
350
250
350
260
350
µA
rent
fSAMPLE = 7.5 kHz
20
20
20
20
µA
(5),
fSAMPLE = 7.5 kHz
180
180
180
180
µA
(6)
Power down
CS = VCC
3
3
3
3
µA
TEMPERATURE RANGE
Specified performance
-40
85
-40
85
-40
85
-40
85
°C
(4)
Full speed: 125 ksps for ADS7829, 200 ksps for ADS7826, and 250 ksps for ADS7827.
(5)
fDCLOCK = 1.2 MHz, CS = VCC for 145 clock cycles out of every 160 for the ADS7829I and ADS7829IB.
(6)
See the Power Dissipation section for more information regarding lower sample rates.
At -40
°C to 85°C, V
CC = 5 V, Vref = 5 V, unless otherwise specified.
ADS7829IB
ADS7829
ADS7826I
ADS7827I
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
SYSTEM PERFORMANCE
Resolution
12
12
10
8
Bits
No missing codes
12
11
10
8
Bits
Integral linearity error
±0.6
±0.8
±0.15
±0.1
1 LSB (7)
Differential linearity error
±0.5
±0.8
±0.15
±0.1
1
LSB
ANALOG INPUT
Offset error
±2.6
±2.6
±1.2
±0.7
LSB
Gain error
±1.2
±1.2
±0.2
±0.1
LSB
REFERENCE INPUT
Voltage range
0.05
VCC
0.05
VCC
0.05
VCC
0.05
VCC
V
(7)
LSB means Least Significant Bit . With Vref equal to 5 V, one LSB is 1.22 mV for a 12 bit ADC.
4


Podobny numer części - ADS7829IBDRBRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7829IBDRBR TI-ADS7829IBDRBR Datasheet
483Kb / 20P
[Old version datasheet]   10/8/12-BIT HIGH SPEED 2.7 V microPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7829IBDRBRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com