Zakładka z wyszukiwarką danych komponentów |
|
SN74ALS169BNSR Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
SN74ALS169BNSR Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 20 page SN54ALS169B, SN54AS169A, SN74ALS169B, SN74AS169A SYNCHRONOUS 4BIT UP/DOWN BINARY COUNTERS SDAS125B − MARCH 1984 − REVISED DECEMBER 1994 Copyright 1994, Texas Instruments Incorporated 2−1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 • Fully Synchronous Operation for Counting and Programming • Internal Carry Look-Ahead Circuitry for Fast Counting • Carry Output for n-Bit Cascading • Fully Independent Clock Circuit • Package Options Include Plastic Small-Outline (D) Packages, Ceramic Chip Carriers (FK), and Standard Plastic (N) and Ceramic (J) 300-mil DIPs description These synchronous 4-bit up/down binary presettable counters feature an internal carry look-ahead circuitry for cascading in high-speed counting applications. Synchronous operation is provided by having all flip-flops clocked simultaneously so that the outputs change coincident with each other when so instructed by the count-enable (ENP, ENT) inputs and internal gating. This mode of operation eliminates the output counting spikes normally associated with asynchronous (ripple-clock) counters. A buffered clock (CLK) input triggers the four flip-flops on the rising (positive-going) edge of the clock waveform. These counters are fully programmable; that is, they may be preset to either level. The load-input circuitry allows loading with the carry-enable output of cascaded counters. Because loading is synchronous, setting up a low level at the load (LOAD) input disables the counter and causes the outputs to agree with the data inputs after the next clock pulse. The internal carry look-ahead circuitry provides for cascading counters for n-bit synchronous application without additional gating. ENP and ENT inputs and a ripple-carry output (RCO) are instrumental in accomplishing this function. Both ENP and ENT must be low to count. The direction of the count is determined by the level of the up/down (U/D) input. When U/D is high, the counter counts up; when low, it counts down. ENT is fed forward to enable RCO. RCO, thus enabled, produces a low-level pulse while the count is zero (all inputs low) counting down or maximum (15) counting up. This low-level overflow ripple-carry pulse can be used to enable successive cascaded stages. Transitions at ENP or ENT are allowed regardless of the level of the clock input. All inputs are diode clamped to minimize transmission-line effects, thereby simplifying system design. These counters feature a fully independent clock circuit. Changes at control inputs (ENP, ENT, LOAD, or U/D) that modify the operating mode have no effect on the contents of the counter until clocking occurs. The function of the counter (whether enabled, disabled, loading, or counting) is dictated solely by the conditions meeting the stable setup and hold times. The SN54ALS169B and SN54AS169A are characterized for operation over the full military temperature range of −55 °C to 125°C. The SN74ALS169B and SN74AS169A are characterized for operation from 0°C to 70°C. SN54ALS169B, SN54AS169A...J PACKAGE SN74ALS169B, SN74AS169A...D OR N PACKAGE (TOP VIEW) 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 QA QB NC QC QD A B NC C D SN54ALS169B, SN54AS169A...FK PACKAGE (TOP VIEW) NC − No internal connection 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 U/D CLK A B C D ENP GND VCC RCO QA QB QC QD ENT LOAD PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Podobny numer części - SN74ALS169BNSR |
|
Podobny opis - SN74ALS169BNSR |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |