Zakładka z wyszukiwarką danych komponentów |
|
SN74HC374N3 Arkusz danych(PDF) 5 Page - Texas Instruments |
|
SN74HC374N3 Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 23 page SN54HC374, SN74HC374 OCTAL EDGETRIGGERED DTYPE FLIPFLOPS WITH 3STATE OUTPUTS SCLS141E − DECEMBER 1982 − REVISED AUGUST 2003 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, CL = 150 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM TO VCC TA = 25°C SN54HC374 SN74HC374 UNIT PARAMETER FROM (INPUT) TO (OUTPUT) VCC MIN TYP MAX MIN MAX MIN MAX UNIT 2 V 6 12 5 fmax 4.5 V 30 60 24 MHz fmax 6 V 35 70 28 MHz 2 V 80 230 345 290 tpd CLK Any Q 4.5 V 22 46 69 58 ns tpd CLK Any Q 6 V 19 39 58 49 ns 2 V 70 200 300 250 ten OE Any Q 4.5 V 25 40 60 50 ns ten OE Any Q 6 V 22 34 51 43 ns 2 V 45 210 315 265 tt Any Q 4.5 V 17 42 63 53 ns tt Any Q 6 V 13 36 53 45 ns operating characteristics, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance per flip-flop No load 100 pF |
Podobny numer części - SN74HC374N3 |
|
Podobny opis - SN74HC374N3 |