Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7890 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części ADS7890
Szczegółowy opis  14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7890 Arkusz danych(HTML) 2 Page - Texas Instruments

  ADS7890_15 Datasheet HTML 1Page - Texas Instruments ADS7890_15 Datasheet HTML 2Page - Texas Instruments ADS7890_15 Datasheet HTML 3Page - Texas Instruments ADS7890_15 Datasheet HTML 4Page - Texas Instruments ADS7890_15 Datasheet HTML 5Page - Texas Instruments ADS7890_15 Datasheet HTML 6Page - Texas Instruments ADS7890_15 Datasheet HTML 7Page - Texas Instruments ADS7890_15 Datasheet HTML 8Page - Texas Instruments ADS7890_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ADS7890
SLAS409 − DECEMBER 2003
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
MODEL
MAXIMUM
INTEGRAL
LINEARITY
(LSB)
MAXIMUM
DIFFERENTIAL
LINEARITY
(LSB)
NO MISSING
CODES AT
RESOLUTION
(BIT)
PACKAGE
TYPE
PACKAGE
DESIGNATOR
TEMPERATURE
RANGE
ORDERING
INFORMATION
TRANSPORT
MEDIA QUANTITY
ADS7890
±1.5
+1.5/−1
14
48-Pin
PFB
−40
°C to 85°C
ADS7890IPFBT
Tape and reel
250
ADS7890
±1.5
+1.5/−1
14
48-Pin
TQFP
PFB
−40
°C to 85°C
ADS7890IPFBR
Tape and reel
1000
NOTE: For most current specifications and package information, refer to the TI website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range(1)
UNIT
+IN to AGND
−0.3 V to +VA + 0.1 V
−IN to AGND
−0.3 V to 0.5 V
+VA to AGND
−0.3 V to 7 V
+VBD to BDGND
−0.3 V to 7 V
Digital input voltage to GND
−0.3 V to (+VBD + 0.3 V)
Digital output to GND
−0.3 V to (+VBD + 0.3 V)
Operating temperature range
−40
°C to 85°C
Storage temperature range
−65
°C to 150°C
Junction temperature (TJmax)
150
°C
TQFP package
Power dissipation
(TJ Max–TA)/ θJA
TQFP package
θJA Thermal impedance
86
°C/W
Lead temperature, soldering
Vapor phase (60 sec)
215
°C
Lead temperature, soldering
Infrared (15 sec)
220
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Podobny numer części - ADS7890_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7890IPFBR TI-ADS7890IPFBR Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890IPFBT TI-ADS7890IPFBT Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7890_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com