Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8320SHKJ Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8320SHKJ
Szczegółowy opis  16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8320SHKJ Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS8320SHKJ Datasheet HTML 2Page - Texas Instruments ADS8320SHKJ Datasheet HTML 3Page - Texas Instruments ADS8320SHKJ Datasheet HTML 4Page - Texas Instruments ADS8320SHKJ Datasheet HTML 5Page - Texas Instruments ADS8320SHKJ Datasheet HTML 6Page - Texas Instruments ADS8320SHKJ Datasheet HTML 7Page - Texas Instruments ADS8320SHKJ Datasheet HTML 8Page - Texas Instruments ADS8320SHKJ Datasheet HTML 9Page - Texas Instruments ADS8320SHKJ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ADS8320-HT
SBAS521B – DECEMBER 2010 – REVISED SEPTEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
VCC = 5 V, VREF = 5 V, -IN = GND, fSAMPLE = 100 kHz and fCLK = 24 x fSAMPLE, unless otherwise noted.
CONDITIONS
TA = -55°C to 125°C
TA = 210°C
(1)
UNIT
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
Resolution
16
16
Bits
Analog Input
Full-zcale input span
+IN – (–IN)
0
VREF
0
VREF
V
+IN
–0.1
VCC + 0.1
–0.1
VCC + 0.1
Absolute input range
V
–IN
–0.1
0.5
–0.1
0.5
Capacitance
45
45
pF
Leakage current
1
1
nA
System Performance
No missing codes
14
14
Bits
Integral linearity error
±0.008
±0.032
±0.018
±0.034
% of FSR
Offset error
±0.6
±3.8
±0.5
±3.8
mV
Offset temperature drift
±3
±4
μV/°C
Gain error
±0.05
±0.05
% of FSR
Gain temperature drift
±0.3
±0.3
ppm/°C
Noise
20
21
μVrms
Power-supply rejection ratio
4.7 V < VCC < 5.25 V
3
35
LSB(2)
Sampling Dynamics
Conversion time
16
16
Clk cycles
Acquisition time
4.5
4.5
Clk cycles
Throughput rate
100
100
kHz
Clock frequency range
0.02
2.4
0.02
2.4
MHz
Dynamic Characteristics
Total harmonic distortion
VIN = 5 x Vp-p at 10 kHz
-84
-83
dB
SINAD
VIN = 5 x Vp-p at 10 kHz
82
81
dB
Spurious-free dynamic range
VIN = 5 x Vp-p at 10 kHz
84
83
dB
SNR
90
88
dB
Reference Input
Voltage range
0.5
VCC
0.5
VCC
V
CS = GND, fSAMPLE = 0 Hz
5
5
Resistance
G
Ω
CS = VCC
5
5
40
80
50
80
Current drain
fSAMPLE = 10 kHz
0.8
0.8
µA
CS = VCC
0.1
5
2
5
Digital Input/Output
Logic family
CMOS
CMOS
VIH
IIH = 5 µA
3
VCC + 0.3
3
VCC + 0.3
V
VIL
IIL = 5 µA
-0.3
0.8
-0.3
0.8
V
Logic Levels
VOH
IOH = –250 µA
4
4
V
VOL
IOL = 250 µA
0.4
0.4
V
Data format
Straight binary
(1)
Minimum and maximum parameters are characterized for operation at TA = 210°C, but may not be production tested at that
temperature. Production test limits with statistical guardbands are used to ensure high temperature performance.
(2)
LSB means least significant bit. With VREF = 5 V, one LSB is 0.076 V.
6
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: ADS8320-HT


Podobny numer części - ADS8320SHKJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8320SHKJ TI1-ADS8320SHKJ Datasheet
389Kb / 27P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS8320SHKJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8320-HT TI1-ADS8320-HT Datasheet
389Kb / 27P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7826 TI-ADS7826 Datasheet
483Kb / 20P
[Old version datasheet]   10/8/12-BIT HIGH SPEED 2.7 V microPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com