Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8324 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADS8324
Szczegółowy opis  14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8324 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS8324_15 Datasheet HTML 3Page - Texas Instruments ADS8324_15 Datasheet HTML 4Page - Texas Instruments ADS8324_15 Datasheet HTML 5Page - Texas Instruments ADS8324_15 Datasheet HTML 6Page - Texas Instruments ADS8324_15 Datasheet HTML 7Page - Texas Instruments ADS8324_15 Datasheet HTML 8Page - Texas Instruments ADS8324_15 Datasheet HTML 9Page - Texas Instruments ADS8324_15 Datasheet HTML 10Page - Texas Instruments ADS8324_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ADS8324
7
SBAS172A
www.ti.com
THEORY OF OPERATION
The ADS8324 is a classic Successive Approximation Reg-
ister (SAR) A/D converter. The architecture is based on
capacitive redistribution that inherently includes a sample-
and-hold function. The converter is fabricated on a 0.6
μ
CMOS process. The architecture and process allow the
ADS8324 to acquire and convert an analog signal at up to
50,000 conversions per second while consuming less than
3.0mW from +VCC.
The ADS8324 requires an external reference, an external
clock, and a single power source (VCC). The external refer-
ence can be any voltage between 500mV and VCC/2. The
value of the reference voltage directly sets the range of the
analog input. The reference input current depends on the
conversion rate of the ADS8324.
The external clock can vary between 24kHz (1kHz through-
put) and 1.2MHz (50kHz throughput). The duty cycle of the
clock is essentially unimportant as long as the minimum
high and low times are at least 200ns. The minimum clock
frequency is set by the leakage on the capacitors internal to
the ADS8324.
The analog input is provided to two input pins: +In and –In.
When a conversion is initiated, the differential input on these
pins is sampled on the internal capacitor array. While a
conversion is in progress, both inputs are disconnected from
any internal function.
The digital result of the conversion is clocked out by the
DCLOCK input and is provided serially, most significant bit
first, on the DOUT pin. The digital data that is provided on the
DOUT pin is for the conversion currently in progress—there
is no pipeline delay. It is possible to continue to clock the
ADS8324 after the conversion is complete and to obtain the
serial data least significant bit first. See the digital timing
section for more information.
ANALOG INPUT
The analog input is bipolar and fully differential. There are
two general methods of driving the analog input of the
ADS8324: single-ended or differential, as shown in Figure
1. When the input is single-ended, the –In input is held at a
fixed voltage. The +In input swings around the same voltage
and the peak-to-peak amplitude is 2 • VREF. The value of
VREF determines the range over which the common voltage
may vary, as shown in Figure 2.
When the input is differential, the amplitude of the input is
the difference between the +In and –In input, or, +In – (–In).
A voltage or signal is common to both of these inputs. The
peak-to-peak amplitude of each input is VREF about this
common voltage. However, since the inputs are 180
° out-of-
phase, the peak-to-peak amplitude of the difference voltage
is 2 • VREF. The value of VREF also determines the range of
the voltage that may be common to both inputs, as shown in
Figure 3.
In each case, care should be taken to ensure that the output
impedance of the sources driving the +In and –In inputs are
matched. If this is not observed, the two inputs could have
FIGURE 1. Methods of Driving the ADS8324—Single-Ended
or Differential.
FIGURE 2. Single-Ended Input—Common Voltage Range
vs VREF.
FIGURE 3. Differential Input—Common Voltage Range vs
VREF.
ADS8324
ADS8324
Single-Ended Input
Common
Voltage
2• VREF
peak-to-peak
Differential Input
Common
Voltage
VREF
peak-to-peak
VREF
peak-to-peak
0.5
0.6
0.7
0.8
0.9
1
VREF (V)
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
VCC = 1.8V
Single-Ended Input
0.5
0.6
0.7
0.8
0.9
1
VREF (V)
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
VCC = 1.8V
Differential Input


Podobny numer części - ADS8324_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8324 TI1-ADS8324_14 Datasheet
740Kb / 20P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS8324_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8324 TI-ADS8324 Datasheet
341Kb / 14P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324 TI1-ADS8324_14 Datasheet
740Kb / 20P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com