Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7861IRHBRG4 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części ADS7861IRHBRG4
Szczegółowy opis  Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7861IRHBRG4 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS7861IRHBRG4 Datasheet HTML 7Page - Texas Instruments ADS7861IRHBRG4 Datasheet HTML 8Page - Texas Instruments ADS7861IRHBRG4 Datasheet HTML 9Page - Texas Instruments ADS7861IRHBRG4 Datasheet HTML 10Page - Texas Instruments ADS7861IRHBRG4 Datasheet HTML 11Page - Texas Instruments ADS7861IRHBRG4 Datasheet HTML 12Page - Texas Instruments ADS7861IRHBRG4 Datasheet HTML 13Page - Texas Instruments ADS7861IRHBRG4 Datasheet HTML 14Page - Texas Instruments ADS7861IRHBRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
ADS7861
11
SBAS110D
FIGURE 8. Conversion Mode.
HIGH within this window, it is then uncertain as to when the
ADS7861 will initiate conversion (see Figure 8 for a more
detailed description). Sixteen clock cycles are required to
perform a single conversion. Immediately following
CONVST switching to HIGH, the ADS7861 will switch
from the sample mode to the hold mode asynchronous to the
external clock. The BUSY output pin will then go HIGH and
remain HIGH for the duration of the conversion cycle. On
the falling edge of the first cycle of the external clock, the
ADS7861 will latch in the address for the next conversion
cycle depending on the status of the A0 pin (HIGH =
Channel 1, LOW = Channel 0). The address must be selected
15ns prior to the falling edge of cycle one of the external clock
and must remain ‘held’ for 15ns following the clock edge. For
maximum throughput time, the CONVST and RD pins should
be tied together. CS must be brought LOW to enable the two
serial outputs. Data will be valid on the falling edge of all 16
clock cycles per conversion. The first bit of data will be a
status flag for either Channel 0 or 1, the second bit will be a
second status flag for either Channel A or B. The subsequent
data will be MSB-first through the LSB, followed by two
zeros (see Table II and Figures 9 and 10).
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
COMMENTS
tCONV
Conversion Time
1.75
µs
When TCKP = 125ns
tACQ
Acquisition Time
0.25
µs
When TCKP = 125ns
tCKP
Clock Period
125
5000
ns
tCKL
Clock LOW
40
ns
tCKH
Clock HIGH
40
ns
tF
DOUT Fall Time
25
ns
tR
DOUT Rise Time
30
ns
t1
CONVST HIGH
15
ns
t2
Address Setup Time
15
ns
Address latched on falling edge of CLK cycle ‘2’
t3
Address Hold Time
15
t4
RD Setup Time
15
ns
Before falling edge of CLOCK
t5
RD to CS Hold Time
15
ns
After falling edge of CLOCK
t6
CONVST LOW
20
ns
t7
RD LOW
20
ns
t8
CS to Data Valid
25
ns
t9
CLOCK to Data Valid Delay
30
ns
Maximum delay following rising edge of CLOCK
t10
Data Valid After CLOCK(1)
1
ns
Time data is valid after second rising edge of CLOCK
NOTE: (1) ‘n – 1’ data will remain valid 1ns after rising edge of next CLOCK cycle.
TIMING SPECIFICATIONS
CLOCK CYCLE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SERIAL DATA
CH0 OR CH1 CHA OR CHB
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
TABLE II. Serial Data Output Format.
NOTE: All CONVST commands which occur more than 10ns before the rising edge of cycle ‘1’ of the external clock
(Region ‘A’) will initiate a conversion on the rising edge of cycle ‘1’. All CONVST commands which occur 5ns after
the rising edge of cycle ‘1’ or 10ns before the rising edge of cycle 2 (Region ‘B’) will initiate a conversion on the
rising edge of cycle ‘2’. All CONVST commands which occur 5ns after the rising edge of cycle ‘2’ (Region ‘C’) will
initiate a conversion on the rising edge of the next clock period. The CONVST pin should never be switched from
LOW to HIGH in the region 10ns prior to the rising edge of the CLOCK and 5ns after the rising edge (gray areas). If
CONVST is toggled in this gray area, the conversion could begin on either the same rising edge of the CLOCK or
the following edge.
CLOCK
CONVST
Cycle 1
Cycle 2
t
CKP
125ns
10ns
5ns
10ns
5ns
A
B
C


Podobny numer części - ADS7861IRHBRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
ADS7861 TI1-ADS7861 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7861E BURR-BROWN-ADS7861E Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861EB BURR-BROWN-ADS7861EB Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7861IRHBRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com