Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8339IDGST Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8339IDGST
Szczegółowy opis  ADS8339 16-Bit, 250-kSPS, Serial Interface, Micro-Power, Miniature, SAR Analog-to-Digital Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8339IDGST Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS8339IDGST Datasheet HTML 7Page - Texas Instruments ADS8339IDGST Datasheet HTML 8Page - Texas Instruments ADS8339IDGST Datasheet HTML 9Page - Texas Instruments ADS8339IDGST Datasheet HTML 10Page - Texas Instruments ADS8339IDGST Datasheet HTML 11Page - Texas Instruments ADS8339IDGST Datasheet HTML 12Page - Texas Instruments ADS8339IDGST Datasheet HTML 13Page - Texas Instruments ADS8339IDGST Datasheet HTML 14Page - Texas Instruments ADS8339IDGST Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
90
90.5
91
91.5
92
92.5
93
93.5
94
94.5
95
2
2.5
3
3.5
4
4.5
5
Reference Voltage (V)
C023
90
90.5
91
91.5
92
92.5
93
93.5
94
94.5
95
2
2.5
3
3.5
4
4.5
5
Reference Voltage (V)
C024
105
107
109
111
113
115
117
119
4.5
4.75
5
5.25
5.5
Supply Voltage (V)
C021
105
107
109
111
113
115
117
119
2
2.5
3
3.5
4
4.5
5
Reference Voltage (V)
C022
92
92.5
93
93.5
94
94.5
4.5
4.75
5
5.25
5.5
Supply Voltage (V)
C019
92
92.5
93
93.5
94
94.5
4.5
4.75
5
5.25
5.5
Supply Voltage (V)
C020
ADS8339
www.ti.com
SBAS677A – JUNE 2014 – REVISED OCTOBER 2014
Typical Characteristics (continued)
At TA = 30°C, +VA = 5 V, +VBD = 2.7 V, Vref = 4.096 V, and fsample = 250 kHz, unless otherwise noted.
+VBD = 2.7 V, Vref = 4.096 V, fIN = 1.9 kHz, fS = 250 kSPS,
+VBD = 2.7 V, Vref = 4.096 V, fIN = 1.9 kHz, fS = 250 kSPS,
TA = 30°C
TA = 30°C
Figure 19. SINAD vs Supply Voltage
Figure 20. SNR vs Supply Voltage
+VBD = 2.7 V, Vref = 4.096 V, fIN = 1.9 kHz, fS = 250 kSPS,
+VBD = 2.7 V, +VA = 5 V, fIN = 1.9 kHz, fS = 250 kSPS, TA = 30°C
TA = 30°C
Figure 21. THD vs Supply Voltage
Figure 22. SFDR vs Reference Voltage
+VBD = 2.7 V, +VA = 5 V, fIN = 1.9 kHz, fS = 250 kSPS, TA = 30°C
+VBD = 2.7 V, +VA = 5 V, fIN = 1.9 kHz, fS = 250 kSPS, TA = 30°C
Figure 23. SINAD vs Reference Voltage
Figure 24. SNR vs Reference Voltage
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS8339


Podobny numer części - ADS8339IDGST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8330 TI-ADS8330 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8330 BURR-BROWN-ADS8330 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8330 TI-ADS8330 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330 TI1-ADS8330 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Podobny opis - ADS8339IDGST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318 TI1-ADS8318_14 Datasheet
1Mb / 35P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864IDGS TI1-ADS8864IDGS Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864 TI1-ADS8864_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com