Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8372IBRHPRG4 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części ADS8372IBRHPRG4
Szczegółowy opis  16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8372IBRHPRG4 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS8372IBRHPRG4 Datasheet HTML 4Page - Texas Instruments ADS8372IBRHPRG4 Datasheet HTML 5Page - Texas Instruments ADS8372IBRHPRG4 Datasheet HTML 6Page - Texas Instruments ADS8372IBRHPRG4 Datasheet HTML 7Page - Texas Instruments ADS8372IBRHPRG4 Datasheet HTML 8Page - Texas Instruments ADS8372IBRHPRG4 Datasheet HTML 9Page - Texas Instruments ADS8372IBRHPRG4 Datasheet HTML 10Page - Texas Instruments ADS8372IBRHPRG4 Datasheet HTML 11Page - Texas Instruments ADS8372IBRHPRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
90
91
92
93
94
95
2.5
3
3.5
4
Vref − Reference Voltage − V
+VA = 5 V,
+VBD = 5 V,
fi = 1 kHz,
TA = 25°C
90
91
92
93
94
95
2.5
3
3.5
4
Vref − Reference Voltage − V
+VA = 5 V,
+VBD = 5 V,
fi = 1 kHz,
TA = 25°C
−118
−117
−116
−115
−114
−113
−112
2.5
3
3.5
4
Vref − Reference Voltage − V
+VA = 5 V,
+VBD = 5 V,
fi = 1 kHz,
TA = 25°C
118
119
120
121
122
123
124
125
126
127
2.5
3
3.5
4
Vref − Reference Voltage − V
+VA = 5 V,
+VBD = 5 V,
fi = 1 kHz,
TA = 25°C
14.8
14.9
15
15.1
15.2
15.3
15.4
2.5
3
3.5
4
Vref − Reference Voltage − V
+VA = 5 V,
+VBD = 5 V,
fi = 1 kHz,
TA = 25°C
15
15.1
15.2
15.3
15.4
15.5
−40 −25 −10
5
20
35
50
65
80
TA − Free-Air-Temperature − 5C
+VA = 5 V,
+VBD = 5 V,
REFIN = 4.096 V,
fi = 1 kHz,
ADS8372
SLAS451 – JUNE 2005
SIGNAL-TO-NOISE
SIGNAL-TO-NOISE RATIO
AND DISTORTION
vs
vs
REFERENCE VOLTAGE
REFERENCE VOLTAGE
Figure 1.
Figure 2.
SPURIOUS FREE DYNAMIC RANGE
TOTAL HARMONIC DISTORTION
vs
vs
REFERENCE VOLTAGE
REFERENCE VOLTAGE
Figure 3.
Figure 4.
EFFECTIVE NUMBER OF BITS
EFFECTIVE NUMBER OF BITS
vs
vs
REFERENCE VOLTAGE
FREE-AIR TEMPERATURE
Figure 5.
Figure 6.
8
Submit Documentation Feedback


Podobny numer części - ADS8372IBRHPRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS8372IBRHPR BURR-BROWN-ADS8372IBRHPR Datasheet
1Mb / 36P
   16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
More results

Podobny opis - ADS8372IBRHPRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS8372 BURR-BROWN-ADS8372_13 Datasheet
1Mb / 36P
   16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8382 TI1-ADS8382_16 Datasheet
1Mb / 36P
[Old version datasheet]   18-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8370 BURR-BROWN-ADS8370 Datasheet
782Kb / 29P
   16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8370 TI1-ADS8370 Datasheet
1Mb / 35P
[Old version datasheet]   16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8380 TI1-ADS8380 Datasheet
1Mb / 35P
[Old version datasheet]   18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8380 BURR-BROWN-ADS8380 Datasheet
1Mb / 29P
   18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
ADS8422 TI1-ADS8422 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com