Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8325IDRBTG4 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części ADS8325IDRBTG4
Szczegółowy opis  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8325IDRBTG4 Arkusz danych(HTML) 3 Page - Texas Instruments

  ADS8325IDRBTG4 Datasheet HTML 1Page - Texas Instruments ADS8325IDRBTG4 Datasheet HTML 2Page - Texas Instruments ADS8325IDRBTG4 Datasheet HTML 3Page - Texas Instruments ADS8325IDRBTG4 Datasheet HTML 4Page - Texas Instruments ADS8325IDRBTG4 Datasheet HTML 5Page - Texas Instruments ADS8325IDRBTG4 Datasheet HTML 6Page - Texas Instruments ADS8325IDRBTG4 Datasheet HTML 7Page - Texas Instruments ADS8325IDRBTG4 Datasheet HTML 8Page - Texas Instruments ADS8325IDRBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
www.ti.com
R
ON
50W
C
(SAMPLE)
40pF
Shut-Down
Switch
V
DD
I/O
GND
V
DD
ANALOGIN
GND
DiodeTurn-OnVoltage:0.35V
EquivalentAnalogInputCircuit
V
DD
REF
GND
EquivalentReference
InputCircuit
EquivalentDigitalInput/OutputCircuit
20pF
5kW
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS: VDD = +5 V
ADS8325
SBAS226C – MARCH 2002 – REVISED AUGUST 2007
EQUIVALENT INPUT CIRCUIT
Over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
Low-voltage levels
2.7
3.6
V
Supply voltage, GND to VDD
5V logic levels
4.5
5.0
5.5
V
Reference input voltage
2.5
VDD
V
–IN
–0.3
0
0.5
V
Analog input voltage
+IN – (–IN)
0
VREF
V
TJ
Operating junction temperature range
–40
+125
°C
Over recommended operating free-air temperature at –40
°C to +85°C, V
REF = 5V, –IN = GND, fSAMPLE = 100kHz, and fCLK =
24
× f
SAMPLE, unless otherwise noted.
ADS8325I
ADS8325IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale range
FSR +IN – (–IN)
0
VREF
0
VREF
V
Operating common-mode signal
–0.3
0.5
–0.3
0.5
V
Input resistance
–IN = GND
5
5
G
Input capacitance
–IN = GND, during sampling
45
45
pF
Input leakage current
–IN = GND
±50
±50
nA
Differential input capacitance
+IN to –IN, during sampling
20
20
pF
Full-power bandwidth
FSBW FS sinewave, SINAD = –3dB
20
20
kHz
DC ACCURACY
Resolution
16
16
Bits
No missing code
NMC
15
16
Bits
Integral linearity error
INL
±3
±6
±1.5
±4
LSB
Offset error
VOS
±0.75
±1.5
±0.5
±1
mV
Offset error drift
TCVOS
±0.2
±0.2
ppm/
°C
Gain error
GERR
±24
±12
LSB
Gain error drift
TCGERR
±3
±3
ppm/
°C
Noise
20
20
μVRMS
Power-supply rejection
4.75V
≤ VDD ≤ 5.25V
3
3
LSB
SAMPLING DYNAMICS
Conversion time
tCONV 24kHz < fCLK ≤ 2.4MHz
6.667
666.7
6.667
666.7
μs
Acquisition time
tAQ fCLK = 2.4MHz
1.875
1.875
μs
Throughput rate
100
100
kSPS
Clock frequency
0.024
2.4
0.024
2.4
MHz
AC ACCURACY
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8325


Podobny numer części - ADS8325IDRBTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS8325IDRBT BURR-BROWN-ADS8325IDRBT Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS8325IDRBTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8326 BURR-BROWN-ADS8326 Datasheet
711Kb / 31P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
logo
Texas Instruments
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com