Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8410IRGZT Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części ADS8410IRGZT
Szczegółowy opis  16-BIT, 2-MSPS, LVDS SERIAL INTERFACE, SAR ANALOG-TO-DIGITAL CONVERTER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8410IRGZT Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS8410IRGZT Datasheet HTML 1Page - Texas Instruments ADS8410IRGZT Datasheet HTML 2Page - Texas Instruments ADS8410IRGZT Datasheet HTML 3Page - Texas Instruments ADS8410IRGZT Datasheet HTML 4Page - Texas Instruments ADS8410IRGZT Datasheet HTML 5Page - Texas Instruments ADS8410IRGZT Datasheet HTML 6Page - Texas Instruments ADS8410IRGZT Datasheet HTML 7Page - Texas Instruments ADS8410IRGZT Datasheet HTML 8Page - Texas Instruments ADS8410IRGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ADS8410
SLAS493A – OCTOBER 2005 – REVISED MAY 2013
www.ti.com
SPECIFICATIONS (continued)
TA = –40°C to 85°C, +VA = 5 V,+VBD = 5 V or 3.3 V, Vref = 4.096 V, f sample = 2 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
From 95% (+VA), with 1-
μF storage
25
Start-up time
ms
capacitor on REFOUT to AGND
Reference voltage range, Vref
At room temperature
4.080
4.096
4.112
V
Source current
Static load
10
μA
Line regulation
+VA = 4.75 V to 5.25 V
0.6
mV
Drift
IOUT = 0 V
36
PPM/°C
POWER SUPPLY REQUIREMENTS
+VBD
2.7
3.3
5.25
Power supply voltage
V
+VA
4.75
5
5.25
Supply current, 2-MHz sample rate +VA
58
64
mA
Power dissipation, 2-MHz sample rate
+VA = 5 V
290
320
mW
NAP MODE
Supply current
+VA
25
mA
POWER DOWN
Supply current
+VA
1
2.5
μA
Powerdown time
10
μs
With 1-
μF storage capacitor on
Powerup time
25
ms
REFOUT to AGND
Invalid conversions after power up or reset
3
Numbers
TEMPERATURE RANGE
Operating free air
–40
85
°C
LOGIC FAMILY CMOS
VIH
High-level input voltage
IIH = 5 μA
+VBD –1
+VBD +0.3
V
VIL
Low-level input voltage
IIL = 5 μA
–0.3
0.8
V
VOH
High-level output voltage
IOH = 2 TTL loads
+VBD – 0.6
+VBD
V
VOL
Low-level output voltage
IOL = 2 TTL loads
0
0.4
V
LOGIC FAMILY LVDS(7)
DRIVER
Steady-state differential output voltage
|VOD(SS)|
247
340
454
magnitude
RL = 100 Ω, See Figure 52, Figure 53
mV
Change in steady-state differential output voltage
∆|VOD(SS)|
-50
50
magnitude between logic states
VOC(SS)
Steady-state common-mode output voltage
1.125
1.2
1.375
V
Change in steady-state common-mode output
∆|VOC(SS)|
–50
50
voltage between logic states
See Figure 54
mV
Peak to peak change in common-mode output
VOC(pp)
50
150
voltage
VOY or VOZ = 0 V
3
10
IOS
Short circuit output current
mA
VOD = 0 V
3
10
IOZ
High impedance output current
VO = 0 V or +VBD
–5
5
μA
(7)
All min max values ensured by design.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADS8410


Podobny numer części - ADS8410IRGZT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS8410 BURR-BROWN-ADS8410 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
More results

Podobny opis - ADS8410IRGZT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS8413 BURR-BROWN-ADS8413 Datasheet
1Mb / 38P
   16-BIT, 2-MSPS, LVDS SERIAL INTERFACE, SAR ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8860 TI1-ADS8860_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8861IDGS TI1-ADS8861IDGS Datasheet
1Mb / 48P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature True-Differential Input SAR Analog-to-Digital Converter
ADS8861 TI1-ADS8861_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8860IDRCT TI1-ADS8860IDRCT Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318 TI1-ADS8318_14 Datasheet
1Mb / 35P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9655 AD-AD9655 Datasheet
1Mb / 37P
   Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com