Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8912B Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8912B
Szczegółowy opis  ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8912B Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS8912B Datasheet HTML 1Page - Texas Instruments ADS8912B Datasheet HTML 2Page - Texas Instruments ADS8912B Datasheet HTML 3Page - Texas Instruments ADS8912B Datasheet HTML 4Page - Texas Instruments ADS8912B Datasheet HTML 5Page - Texas Instruments ADS8912B Datasheet HTML 6Page - Texas Instruments ADS8912B Datasheet HTML 7Page - Texas Instruments ADS8912B Datasheet HTML 8Page - Texas Instruments ADS8912B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
5
ADS8910B
ADS8912B
ADS8914B
www.ti.com
SBAS707A – JUNE 2016 – REVISED JULY 2016
Product Folder Links: ADS8910B ADS8912B ADS8914B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
RVDD to GND
–0.3
7
V
DVDD to GND
–0.3
7
V
REFIN to REFM
–0.3
RVDD + 0.3
V
REFM to GND
–0.1
0.1
V
Analog Input (AINP, AINM) to GND
–0.3
VREF + 0.3
V
Digital input (RST, CONVST, CS, SCLK, SDI) to GND
–0.3
DVDD + 0.3
V
Digital output (READY, SDO-0, SDO-1, SDO-2, SDO-3) to GND
–0.3
DVDD + 0.3
V
Analog Input (AINP, AINM) to RVDD and GND
–130
130
mA
Operating free-air temperature, TA
–40
125
°C
Storage temperature, Tstg
-65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
RVDD
Analog supply voltage (RVDD to AGND)
3
5
5.5
V
DVDD
Digital supply voltage (DVDD to AGND)
Operating
1.65
3
5.5
V
Specified throughput
2.35
3
3.6
VREF
Reference input voltage on REFIN
2.5
RVDD – 0.3
V
CREFBUF
External ceramic decoupling capacitor
10
22
µF
RESR
External series resistor
0
1
1.3
Ω
TA
Specified free-air operating temperature
–40
25
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
ADS891xB
UNITS
RGE (VQFN)
24 PINS
RθJA
Junction-to-ambient thermal resistance
31.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
29.9
°C/W
RθJB
Junction-to-board thermal resistance
8.9
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
8.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.0
°C/W


Podobny numer części - ADS8912B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8900B TI1-ADS8900B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8900BRGER TI1-ADS8900BRGER Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8900BRGET TI1-ADS8900BRGET Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8902B TI1-ADS8902B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8902BRGER TI1-ADS8902BRGER Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
More results

Podobny opis - ADS8912B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8900B TI1-ADS8900B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8920B TI1-ADS8920B Datasheet
125Kb / 6P
[Old version datasheet]   ADS892xB 16-bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
logo
Linear Technology
LTC2387 LINER-LTC2387 Datasheet
665Kb / 8P
   18-/16-Bit, 15Msps/10Msps/5Msps, High Speed SAR ADCs
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
   CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
logo
Texas Instruments
ADS61B49 TI-ADS61B49_09 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B29 TI-ADS61B29 Datasheet
1Mb / 61P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
logo
Linear Technology
LTC2348 LINER-LTC2348 Datasheet
1Mb / 10P
   16-/18-Bit, Octal 200ksps SAR ADCs
logo
Texas Instruments
REF6025 TI1-REF6025 Datasheet
2Mb / 37P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6125 TI1-REF6125 Datasheet
2Mb / 36P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
logo
Microchip Technology
MCP3421 MICROCHIP-MCP3421_09 Datasheet
761Kb / 42P
   18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com