Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8914B Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8914B
Szczegółowy opis  ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8914B Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS8914B Datasheet HTML 5Page - Texas Instruments ADS8914B Datasheet HTML 6Page - Texas Instruments ADS8914B Datasheet HTML 7Page - Texas Instruments ADS8914B Datasheet HTML 8Page - Texas Instruments ADS8914B Datasheet HTML 9Page - Texas Instruments ADS8914B Datasheet HTML 10Page - Texas Instruments ADS8914B Datasheet HTML 11Page - Texas Instruments ADS8914B Datasheet HTML 12Page - Texas Instruments ADS8914B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
9
ADS8910B
ADS8912B
ADS8914B
www.ti.com
SBAS707A – JUNE 2016 – REVISED JULY 2016
Product Folder Links: ADS8910B ADS8912B ADS8914B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.7 Switching Characteristics
At RVDD = 5.5 V, DVDD = 2.35 V to 3.6 V, VREF = 5 V, and maximum throughput (unless otherwise noted).
Minimum and maximum values at TA = –40°C to +125°C; typical values at TA = 25°C.
PARAMETER
MIN
TYP
MAX
UNIT
TIMING
DIAGRAM
CONVERSION CYCLE
tconv
Conversion time
ADS8910B
580
640
ns
Figure 1
ADS8912B
1100
1200
ADS8914B
2400
2500
ASYNCHRONOUS RESET, AND LOW POWER MODES
td_rst
Delay time: RST rising to RVS rising
3
ms
Figure 2
tPU_ADC
Power-up time for converter module
1
ms
See
PD_CNTL
Register
tPU_REFBUF Power-up time for internal reference buffer, CREFBUF = 22 µF
10
ms
tPU_Device
Power-up time for
device
CLDO = 1 µF, CREFBUF = 22 µF
10
ms
SPI-COMPATIBLE SERIAL INTERFACE
tden_CSDO
Delay time: CS falling to data enable
9
ns
Figure 3
tdz_CSDO
Delay time: CS rising to SDO going to Hi-Z
10
ns
td_CKDO
Delay time: SCLK launch edge to (next) data valid on SDO
13
ns
td_CSRDY_f
Delay time: CS falling to RVS falling
12
ns
Figure 4
td_CSRDY_r
Delay time:
CS rising to RVS rising
After NOP operation
30
ns
Figure 4
After WR or RD operation
120
SOURCE-SYNCHRONOUS SERIAL INTERFACE (External Clock)
td_CKSTR_r
Delay time: SCLK launch edge to RVS rising
13
ns
Figure 4
td_CKSTR_f
Delay time: SCLK launch edge to RVS falling
13
ns
toff_STRDO_f Time offset: RVS falling to (next) data valid on SDO
-2
2
ns
toff_STRDO_r Time offset: RVS rising to (next) data valid on SDO
-2
2
ns
SOURCE-SYNCHRONOUS SERIAL INTERFACE (Internal Clock)
td_CSSTR
Delay time: CS falling to RVS rising
15
50
ns
Figure 5
tSTR
Strobe output time
period
INTCLK option
15
ns
INTCLK / 2 option
30
INTCLK / 4 option
60
tph_STR
Strobe output high time
0.45
0.55
tSTR
tpl_STR
Strobe output low time
0.45
0.55
tSTR


Podobny numer części - ADS8914B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8900B TI1-ADS8900B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8900BRGER TI1-ADS8900BRGER Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8900BRGET TI1-ADS8900BRGET Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8902B TI1-ADS8902B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8902BRGER TI1-ADS8902BRGER Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
More results

Podobny opis - ADS8914B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8900B TI1-ADS8900B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8920B TI1-ADS8920B Datasheet
125Kb / 6P
[Old version datasheet]   ADS892xB 16-bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
logo
Linear Technology
LTC2387 LINER-LTC2387 Datasheet
665Kb / 8P
   18-/16-Bit, 15Msps/10Msps/5Msps, High Speed SAR ADCs
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
   CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
logo
Texas Instruments
ADS61B49 TI-ADS61B49_09 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B29 TI-ADS61B29 Datasheet
1Mb / 61P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
logo
Linear Technology
LTC2348 LINER-LTC2348 Datasheet
1Mb / 10P
   16-/18-Bit, Octal 200ksps SAR ADCs
logo
Texas Instruments
REF6025 TI1-REF6025 Datasheet
2Mb / 37P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6125 TI1-REF6125 Datasheet
2Mb / 36P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
logo
Microchip Technology
MCP3421 MICROCHIP-MCP3421_09 Datasheet
761Kb / 42P
   18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com