Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KFF6449A Arkusz danych(PDF) 1 Page - CTS Corporation

Numer części KFF6449A
Szczegółowy opis  Surface mount, silver (Ag) coated ceramic filter.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CTS [CTS Corporation]
Strona internetowa  http://www.ctscorp.com
Logo CTS - CTS Corporation

KFF6449A Arkusz danych(HTML) 1 Page - CTS Corporation

  KFF6449A Datasheet HTML 1Page - CTS Corporation KFF6449A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KFF6449A
1542 Mhz InMarSat BPF
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
Features
• Low Loss
• Low Ripple
• Small Size
Description
Surface mount, silver (Ag) coated ceramic
filter. Developed for use in infrastructure
and subscriber InMarSat Applications.
Weight: 2.03 grams typical
Material: Filter is composed of a ceramic
block plated with Ag.
Filter complies with RoHS standards.
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to
measurement repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Electrical Specifications
Parameter
Frequency (MHz) Typical @ 25ºC Spec. @ 25ºC
Spec. over
-40ºC to +85ºC
Passband Insertion Loss
1525 – 1559
1.5 dB
2.2 dB max.
2.5 dB max.
Passband Ripple
1525 – 1559
0.26 dB
0.8 dB max.
1.0 dB max.
Passband Return Loss
1525 – 1559
21.7 dB
10.0 dB min.
9.5 dB min.
Attenuation:
1475
17.5 dB
14.5 dB min.
14.0 dB min.
1626
52.1 dB
24.5 dB min.
24.0 dB min.
1650 – 1661
39.8 dB
32.5 dB min.
32.0 dB min.
Power into any port
1 Watt max
Rev 0 – Origin Date: July 11, 2005 – Revision Date: July 11, 2005
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US 5,162,760;US
5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US 5,602,518;US
5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US 6,834,429.Other US and foreign
patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”


Podobny numer części - KFF6449A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CTS Corporation
KFF6444A CTS-KFF6444A Datasheet
76Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
More results

Podobny opis - KFF6449A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CTS Corporation
CER0167B CTS-CER0167B Datasheet
68Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0171A CTS-CER0171A Datasheet
294Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter
CER0185A CTS-CER0185A Datasheet
101Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0186A CTS-CER0186A Datasheet
103Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0202A CTS-CER0202A Datasheet
276Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0245E CTS-CER0245E Datasheet
72Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0280A CTS-CER0280A Datasheet
60Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0295B CTS-CER0295B Datasheet
64Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0325C CTS-CER0325C Datasheet
63Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter
CER0325E CTS-CER0325E Datasheet
63Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
KFF6450A CTS-KFF6450A Datasheet
64Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com