Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACT11181 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części 74ACT11181
Szczegółowy opis  ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11181 Arkusz danych(HTML) 1 Page - Texas Instruments

  74ACT11181 Datasheet HTML 1Page - Texas Instruments 74ACT11181 Datasheet HTML 2Page - Texas Instruments 74ACT11181 Datasheet HTML 3Page - Texas Instruments 74ACT11181 Datasheet HTML 4Page - Texas Instruments 74ACT11181 Datasheet HTML 5Page - Texas Instruments 74ACT11181 Datasheet HTML 6Page - Texas Instruments 74ACT11181 Datasheet HTML 7Page - Texas Instruments 74ACT11181 Datasheet HTML 8Page - Texas Instruments 74ACT11181 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74ACT11181
ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
SCAS086 − D3200, OCTOBER 1989 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
Inputs Are TTL-Voltage Compatible
New Flow-Through Architecture Optimizes
PCB Layout
Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
500-mA Typical Latch-Up Immunity at 125°C
Full Look Ahead for High-Speed Operations
on Long Words
Arithmetic Operating Modes:
Addition
Subtraction
Shift Operand A One Position
Magnitude Comparison
Plus Twelve Other Arithmetic
Operations
Logic Function Modes:
Exclusive-OR
Comparator
AND, NAND, OR, NOR
logic symbol
4
19
25
20
26
23
27
24
28
1
2
15
16
17
18
CI
P
Q
Q
P
P
Q
F3
F2
F1
Cn+4
A = B
G
P
Q
P
6(P = Q)
31
0
M
4
0
3
11
B3
A3
B2
A2
B1
A1
B0
A0
M
S3
S2
S1
S0
ALU
10
5
12
14
13
Cn
(0 ... 15) CP
(0 ... 15) CG
(0 ... 15) CO
F0
[1]
[2]
[4]
[8]
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Cn
M
A = B
F0
F1
GND
GND
GND
GND
F2
F3
P
G
Cn + 4
A0
A1
A2
A3
B0
B1
VCC
VCC
B2
B3
S0
S1
S2
S3
DW PACKAGE
(TOP VIEW)
EPIC is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Podobny numer części - 74ACT11181

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ACT11181 PHILIPS-74ACT11181 Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
74ACT11181D PHILIPS-74ACT11181D Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
74ACT11181N PHILIPS-74ACT11181N Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
More results

Podobny opis - 74ACT11181

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC181 STMICROELECTRONICS-M74HC181 Datasheet
212Kb / 13P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
Texas Instruments
SN74F382 TI1-SN74F382 Datasheet
146Kb / 8P
[Old version datasheet]   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
National Semiconductor ...
DM74S381 NSC-DM74S381 Datasheet
113Kb / 4P
   DM74S381 ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
ON Semiconductor
MC10H181 ONSEMI-MC10H181_06 Datasheet
194Kb / 6P
   4?묪it Arithmetic Logic Unit/ Function Generator
June, 2006 ??Rev. 8
MC10H181 ONSEMI-MC10H181 Datasheet
190Kb / 8P
   4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
March, 2000 ??Rev. 7
logo
Motorola, Inc
MC10181 MOTOROLA-MC10181 Datasheet
124Kb / 6P
   4-Bit Arithmetic Logic Unit/Function Generator
logo
List of Unclassifed Man...
10190 ETC1-10190 Datasheet
129Kb / 2P
   4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
National Semiconductor ...
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
DM54S181 NSC-DM54S181 Datasheet
268Kb / 9P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
logo
NXP Semiconductors
74F382 PHILIPS-74F382 Datasheet
121Kb / 12P
   Arithmetic Logic Unit
1990 Jul 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com