Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACT11004 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części 74ACT11004
Szczegółowy opis  HEX INVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11004 Arkusz danych(HTML) 1 Page - Texas Instruments

  74ACT11004_16 Datasheet HTML 1Page - Texas Instruments 74ACT11004_16 Datasheet HTML 2Page - Texas Instruments 74ACT11004_16 Datasheet HTML 3Page - Texas Instruments 74ACT11004_16 Datasheet HTML 4Page - Texas Instruments 74ACT11004_16 Datasheet HTML 5Page - Texas Instruments 74ACT11004_16 Datasheet HTML 6Page - Texas Instruments 74ACT11004_16 Datasheet HTML 7Page - Texas Instruments 74ACT11004_16 Datasheet HTML 8Page - Texas Instruments 74ACT11004_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
74ACT11004
HEX INVERTER
SCAS215B – JANUARY 1988 – REVISED JUNE 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Flow-Through Architecture Optimizes PCB
Layout
D Center-Pin VCC and GND Configurations
Minimize High-Speed Switching Noise
D EPIC  (Enhanced-Performance Implanted
CMOS) 1-
mm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
D Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages and Standard Plastic (N) 300-mil
DIPs
description
This device contains six independent inverters. It performs the Boolean function Y = A.
The 74ACT11004 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
L
L
H
logic symbol
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
20
1A
19
2A
1Y
1
18
3A
13
4A
2Y
2
12
5A
11
6A
3Y
3
4Y
8
5Y
9
6Y
10
1
Copyright
 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1Y
2Y
3Y
GND
GND
GND
GND
4Y
5Y
6Y
1A
2A
3A
NC
VCC
VCC
NC
4A
5A
6A
DB, DW, N, OR PW PACKAGE
(TOP VIEW)
NC – No internal connection


Podobny numer części - 74ACT11004_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74ACT11004DB TI-74ACT11004DB Datasheet
74Kb / 5P
[Old version datasheet]   HEX INVERTER
74ACT11004DBLE TI-74ACT11004DBLE Datasheet
74Kb / 5P
[Old version datasheet]   HEX INVERTER
74ACT11004DBR TI-74ACT11004DBR Datasheet
74Kb / 5P
[Old version datasheet]   HEX INVERTER
74ACT11004DW TI-74ACT11004DW Datasheet
74Kb / 5P
[Old version datasheet]   HEX INVERTER
74ACT11004DWG4 TI-74ACT11004DWG4 Datasheet
74Kb / 5P
[Old version datasheet]   HEX INVERTER
More results

Podobny opis - 74ACT11004_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com