Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACT11139DRG4 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części 74ACT11139DRG4
Szczegółowy opis  DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11139DRG4 Arkusz danych(HTML) 4 Page - Texas Instruments

  74ACT11139DRG4 Datasheet HTML 1Page - Texas Instruments 74ACT11139DRG4 Datasheet HTML 2Page - Texas Instruments 74ACT11139DRG4 Datasheet HTML 3Page - Texas Instruments 74ACT11139DRG4 Datasheet HTML 4Page - Texas Instruments 74ACT11139DRG4 Datasheet HTML 5Page - Texas Instruments 74ACT11139DRG4 Datasheet HTML 6Page - Texas Instruments 74ACT11139DRG4 Datasheet HTML 7Page - Texas Instruments 74ACT11139DRG4 Datasheet HTML 8Page - Texas Instruments 74ACT11139DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
74ACT11139
DUAL 2LINE TO 4LINE DECODER/DEMULTIPLEXER
SCAS175A − SEPTEMBER 1991 − REVISED APRIL 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
IOH = −50 A
4.5 V
4.4
4.4
IOH = −50 mA
5.5 V
5.4
5.4
VOH
IOH = −24 mA
4.5 V
3.94
3.8
V
VOH
IOH = −24 mA
5.5 V
4.94
4.8
V
IOH = −75 mA†
5.5 V
3.85
IOL = 50 A
4.5 V
0.1
0.1
IOL = 50 mA
5.5 V
0.1
0.1
VOL
IOL = 24 mA
4.5 V
0.36
0.44
V
VOL
IOL = 24 mA
5.5 V
0.36
0.44
V
IOL = 75 mA†
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
mA
∆ICC‡
One input at 3.4 V,
Other inputs at VCC or GND
5.5 V
0.9
1
mA
Ci
VI = VCC or GND
5 V
3.5
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A or B
Y
1.7
5.7
7.8
1.7
8.5
ns
tPHL
A or B
Y
2.1
5.5
7.4
2.1
8.5
ns
tPLH
G
Y
2.7
5.3
7.2
2.7
7.9
ns
tPHL
G
Y
1.8
4.3
6.7
1.8
7.5
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
47
pF


Podobny numer części - 74ACT11139DRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74ACT11139DRG4 TI-74ACT11139DRG4 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
More results

Podobny opis - 74ACT11139DRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74ALS155 TI-SN74ALS155 Datasheet
42Kb / 4P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74AC11239 TI-74AC11239 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A_07 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A Datasheet
346Kb / 15P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A_08 Datasheet
856Kb / 20P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74HC139-Q1 TI1-SN74HC139-Q1 Datasheet
246Kb / 9P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A-Q1 TI1-SN74LVC139A-Q1 Datasheet
236Kb / 10P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com