Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHC16240DGGRE4 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części 74AHC16240DGGRE4
Szczegółowy opis  16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74AHC16240DGGRE4 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button 74AHC16240DGGRE4 Datasheet HTML 6Page - Texas Instruments 74AHC16240DGGRE4 Datasheet HTML 7Page - Texas Instruments 74AHC16240DGGRE4 Datasheet HTML 8Page - Texas Instruments 74AHC16240DGGRE4 Datasheet HTML 9Page - Texas Instruments 74AHC16240DGGRE4 Datasheet HTML 10Page - Texas Instruments 74AHC16240DGGRE4 Datasheet HTML 11Page - Texas Instruments 74AHC16240DGGRE4 Datasheet HTML 12Page - Texas Instruments 74AHC16240DGGRE4 Datasheet HTML 13Page - Texas Instruments 74AHC16240DGGRE4 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MECHANICAL DATA
MTSS003D – JANUARY 1995 – REVISED JANUARY 1998
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGG (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040078 / F 12/97
48 PINS SHOWN
0,25
0,15 NOM
Gage Plane
6,00
6,20
8,30
7,90
0,75
0,50
Seating Plane
25
0,27
0,17
24
A
48
1
1,20 MAX
M
0,08
0,10
0,50
0
°–8°
56
14,10
13,90
48
DIM
A MAX
A MIN
PINS **
12,40
12,60
64
17,10
16,90
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Podobny numer części - 74AHC16240DGGRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74AHC16244DGGRE4 TI-74AHC16244DGGRE4 Datasheet
219Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74AHC16244DGGRE4 TI-74AHC16244DGGRE4 Datasheet
390Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74AHC16244DGGRG4 TI-74AHC16244DGGRG4 Datasheet
390Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74AHC16244DGVRE4 TI-74AHC16244DGVRE4 Datasheet
219Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74AHC16244DGVRE4 TI-74AHC16244DGVRE4 Datasheet
390Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Podobny opis - 74AHC16240DGGRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74ACT16241 TI-74ACT16241 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16244 TI-SN54AHC16244 Datasheet
219Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16540 TI-SN54AHC16540 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16541 TI-SN54AHC16541 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16541 TI-SN54AHCT16541 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT16540 TI1-SN54ABT16540_09 Datasheet
306Kb / 9P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABTH16244 TI1-SN54ABTH16244_14 Datasheet
537Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH16244 RENESAS-HD74ALVCH16244_15 Datasheet
151Kb / 11P
   16-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT16541 TI-SN54AHCT16541_07 Datasheet
332Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16244 TI-SN54AHCT16244_08 Datasheet
344Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16240 TI-SN54AHCT16240_08 Datasheet
374Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com