Zakładka z wyszukiwarką danych komponentów |
|
74FCT162827ETPACT Arkusz danych(PDF) 2 Page - Texas Instruments |
|
74FCT162827ETPACT Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 15 page CY74FCT16827T CY74FCT162827T 2 Maximum Ratings[2, 3] (Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ............................... −55°C to +125°C Ambient Temperature with Power Applied.......................................... −55°C to +125°C DC Input Voltage .................................................−0.5V to +7.0V DC Output Voltage ..............................................−0.5V to +7.0V DC Output Current (Maximum Sink Current/Pin) ...........................−60 to +120 mA Power Dissipation .......................................................... 1.0W Static Discharge Voltage............................................>2001V (per MIL-STD-883, Method 3015) Pin Description Name Description OE Output Enable Inputs (Active LOW) A Data Inputs Y Three-State Outputs Function Table[1] Inputs Outputs OE1 OE2 A Y L L L L L L H H H X X Z X H X Z Operating Range Range Ambient Temperature VCC Industrial −40°C to +85°C 5V ± 10% Electrical Characteristics Over the Operating Range Parameter Description Test Conditions Min. Typ.[4] Max. Unit VIH Input HIGH Voltage 2.0 V VIL Input LOW Voltage 0.8 V VH Input Hysteresis[5] 100 mV VIK Input Clamp Diode Voltage VCC=Min., IIN=−18 mA −0.7 −1.2 V IIH Input HIGH Current VCC=Max., VI=VCC ±1 µA IIL Input LOW Current VCC=Max., VI=GND ±1 µA IOZH High Impedance Output Current (Three-State Output pins) VCC=Max., VOUT=2.7V ±1 µA IOZL High Impedance Output Current (Three-State Output pins) VCC=Max., VOUT=0.5V ±1 µA IOS Short Circuit Current[6] VCC=Max., VOUT=GND −80 −140 −200 mA IO Output Drive Current[6] VCC=Max., VOUT=2.5V −50 −180 mA IOFF Power-Off Disable VCC=0V, VOUT≤4.5V [7] ±1 µA Output Drive Characteristics for CY74FCT16827T Parameter Description Test Conditions Min. Typ.[4] Max. Unit VOH Output HIGH Voltage VCC=Min., IOH=−3 mA 2.5 3.5 V VCC=Min., IOH=−15 mA 2.4 3.5 VCC=Min., IOH=−32 mA 2.0 3.0 VOL Output LOW Voltage VCC=Min., IOL=64 mA 0.2 0.55 V 1. H = HIGH Voltage Level. L = LOW Voltage Level. X = Don’t Care.Z = HIGH Impedance. 2. Operation beyond the limits set forth may impair the useful life of the device. Unless noted, these limits are over the operating free-air temperature range. 3. Unused inputs must always be connected to an appropriate logic voltage level, preferably either VCC or ground. 4. Typical values are at VCC= 5.0V, TA= +25˚C ambient. 5. This parameter is specified but not tested. 6. Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or sample and hold techniques are preferable in order to minimize internal chip heating and more accurately reflect operational values. Otherwise prolonged shorting of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parametric tests. In any sequence of parameter tests, IOS tests should be performed last. 7. Tested at +25˚C. |
Podobny numer części - 74FCT162827ETPACT |
|
Podobny opis - 74FCT162827ETPACT |