Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4050BNSR Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części CD4050BNSR
Szczegółowy opis  CMOS Hex Buffer/Converters
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CD4050BNSR Arkusz danych(HTML) 2 Page - Texas Instruments

  CD4050BNSR Datasheet HTML 1Page - Texas Instruments CD4050BNSR Datasheet HTML 2Page - Texas Instruments CD4050BNSR Datasheet HTML 3Page - Texas Instruments CD4050BNSR Datasheet HTML 4Page - Texas Instruments CD4050BNSR Datasheet HTML 5Page - Texas Instruments CD4050BNSR Datasheet HTML 6Page - Texas Instruments CD4050BNSR Datasheet HTML 7Page - Texas Instruments CD4050BNSR Datasheet HTML 8Page - Texas Instruments CD4050BNSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
Functional Block Diagrams
CD4049UB
CD4050B
32
AG = A
54
BH = B
76
CI = C
910
DJ = D
11
12
EK = E
14
15
FL = F
1
8
VCC
VSS
NC = 13
NC = 16
32
A
G = A
54
B
H = B
76
C
I = C
910
D
J = D
11
12
E
K = E
14
15
F
L = F
1
8
VCC
VSS
NC = 13
NC = 16
Schematic Diagrams
FIGURE 1A. SCHEMATIC DIAGRAM OF CD4049UB, 1 OF 6
IDENTICAL UNITS
FIGURE 1B. SCHEMATIC DIAGRAM OF CD4050B, 1 OF 6
IDENTICAL UNITS
VCC
OUT
VSS
P
N
R
IN
P
N
R
IN
VCC
OUT
VSS
P
N
CD4049UB, CD4050B


Podobny numer części - CD4050BNSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4050BNSR TI1-CD4050BNSR Datasheet
1Mb / 38P
[Old version datasheet]   CMOS to DTL/TTL Hex Converter
CD4050BNSR TI-CD4050BNSR Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
CD4050BNSRE4 TI-CD4050BNSRE4 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
CD4050BNSRG4 TI-CD4050BNSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   CD4049UB Inverting, CD4050B Non-Inverting, High Sink Current for Driving 2 TTL Loads
CD4050BNSRG4 TI-CD4050BNSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
More results

Podobny opis - CD4050BNSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
JM3851005554BEA TI-JM3851005554BEA Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
logo
Unisonic Technologies
UCD4049B UTC-UCD4049B Datasheet
210Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4049UBDE4 TI1-CD4049UBDE4 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer/Converters
logo
Harris Corporation
CD4049UB HARRIS-CD4049UB Datasheet
75Kb / 10P
   CMOS Hex Buffer/Converters
logo
Unisonic Technologies
UCD4050B UTC-UCD4050B Datasheet
196Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
UCD4049B UTC-UCD4049B_15 Datasheet
243Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
UCD4050B UTC-UCD4050B_15 Datasheet
196Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
logo
STMicroelectronics
HCC4009UB STMICROELECTRONICS-HCC4009UB Datasheet
302Kb / 13P
   HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
[Old version datasheet]   Cmos Hex Buffer
logo
Intersil Corporation
CD4503BMS INTERSIL-CD4503BMS Datasheet
74Kb / 8P
   CMOS Hex Buffer
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com