Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM324ANSRG4 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części LM324ANSRG4
Szczegółowy opis  Quadruple Operational Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM324ANSRG4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM324ANSRG4 Datasheet HTML 3Page - Texas Instruments LM324ANSRG4 Datasheet HTML 4Page - Texas Instruments LM324ANSRG4 Datasheet HTML 5Page - Texas Instruments LM324ANSRG4 Datasheet HTML 6Page - Texas Instruments LM324ANSRG4 Datasheet HTML 7Page - Texas Instruments LM324ANSRG4 Datasheet HTML 8Page - Texas Instruments LM324ANSRG4 Datasheet HTML 9Page - Texas Instruments LM324ANSRG4 Datasheet HTML 10Page - Texas Instruments LM324ANSRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LM224K, LM224KA, LM324, LM324A, LM324K, LM324KA, LM2902
LM124, LM124A, LM224, LM224A, LM2902V, LM2902K, LM2902KV, LM2902KAV
www.ti.com
SLOS066W – SEPTEMBER 1975 – REVISED MARCH 2015
Electrical Characteristics for LMx24A and LM324KA (continued)
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
LM124A
LM224A
LM324A, LM324KA
PARAMETER
TEST CONDITIONS
(1)
TA
(2)
UNIT
MIN
TYP
(3)
MAX
MIN
TYP
(3)
MAX
MIN
TYP
(3)
MAX
0 to
0 to
0 to
25°C
Common-mode
VCC − 1.5
VCC – 1.5
VCC – 1.5
VICR
input voltage
VCC = 30 V
V
0 to
0 to
0 to
range
Full range
VCC − 2
VCC – 2
VCC – 2
RL = 2 kΩ
25°C
VCC − 1.5
VCC – 1.5
VCC – 1.5
High-level
VOH
RL= 2 kΩ
Full range
26
26
26
V
output voltage
VCC = 30 V
RL≥ 10 kΩ
Full range
27
27
28
27
28
Low-level output
VOL
RL ≤ 10 kΩ
Full range
20
5
20
5
20
mV
voltage
Large-signal
25°C
50
100
50
100
25
100
VCC = 15 V,
differential
VO = 1 V to 11 V,
AVD
V/mV
voltage
Full range
25
25
15
RL ≥ 2 kΩ
amplification
Common-mode
CMRR
VIC = VICRmin
25°C
70
70
80
65
80
dB
rejection ratio
Supply-voltage
rejection ratio
kSVR
25°C
65
65
100
65
100
dB
(
ΔVCC /ΔVIO)
Crosstalk
VO1/ VO2
f = 1 kHz to 20 kHz
25°C
120
120
120
dB
attenuation
VCC = 15 V,
25°C
–20
–20
–30
–60
–20
–30
–60
VID = 1 V,
Source
Full range
–10
–10
–10
VO = 0
mA
IO
Output current
VCC = 15 V,
25°C
10
10
20
1
20
VID = –1 V,
Sink
Full range
5
5
5
VO = 15 V
VID = −1 V, VO = 200 mV
25°C
12
12
30
12
30
μA
VCC at 5 V, GND at –5 V,
Short-circuit
IOS
25°C
±40
±60
±40
±60
±40
±60
mA
output current
VO = 0
VO = 2.5 V, no load
Full range
0.7
1.2
0.7
1.2
0.7
1.2
Supply current
ICC
mA
VCC = 30 V, VO = 15 V,
(four amplifiers)
Full range
1.4
3.
1.4
3
1.4
3
no load
6.8 Operating Conditions
VCC = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
SR
Slew rate at unity gain
RL = 1 MΩ, CL = 30 pF, VI = ±10 V (see Figure 7)
0.5
V/
μs
B1
Unity-gain bandwidth
RL = 1 MΩ, CL = 20 pF (see Figure 7)
1.2
MHz
Vn
Equivalent input noise voltage
RS = 100 Ω, VI = 0 V, f = 1 kHz (see Figure 8)
35
nV/
√Hz
Copyright © 1975–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM224K LM224KA LM324 LM324A LM324K LM324KA LM2902 LM124 LM124A LM224
LM224A LM2902V LM2902K LM2902KV LM2902KAV


Podobny numer części - LM324ANSRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM324ANSRG4 TI-LM324ANSRG4 Datasheet
759Kb / 29P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM324ANSRG4 TI-LM324ANSRG4 Datasheet
1Mb / 47P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED MAY 2022
LM324ANSRG4 TI-LM324ANSRG4 Datasheet
2Mb / 53P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED OCTOBER 2022
LM324ANSRG4 TI-LM324ANSRG4 Datasheet
3Mb / 55P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED APRIL 2023
LM324ANSRG4 TI1-LM324ANSRG4 Datasheet
3Mb / 54P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED SEPTEMBER 2023
More results

Podobny opis - LM324ANSRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI-LM148_06 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM224 UTC-LM224_15 Datasheet
208Kb / 4P
   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
LM124 ARTSCHIP-LM124 Datasheet
244Kb / 7P
   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com