Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM5726BABCX Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części AM5726BABCX
Szczegółowy opis  AM572x Sitara??Processors
Download  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

AM5726BABCX Arkusz danych(HTML) 5 Page - Texas Instruments

  AM5726BABCX Datasheet HTML 1Page - Texas Instruments AM5726BABCX Datasheet HTML 2Page - Texas Instruments AM5726BABCX Datasheet HTML 3Page - Texas Instruments AM5726BABCX Datasheet HTML 4Page - Texas Instruments AM5726BABCX Datasheet HTML 5Page - Texas Instruments AM5726BABCX Datasheet HTML 6Page - Texas Instruments AM5726BABCX Datasheet HTML 7Page - Texas Instruments AM5726BABCX Datasheet HTML 8Page - Texas Instruments AM5726BABCX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 415 page
background image
5
AM5728, AM5726
www.ti.com
SPRS953A – DECEMBER 2015 – REVISED JUNE 2016
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726
Revision History
Copyright © 2015–2016, Texas Instruments Incorporated
2
Revision History
Changes from December 18, 2015 to June 3, 2016 (from * Revision (December 2015) to A Revision)
Page
PCIe Specification Revision is updated to version 3.0
........................................................................... 1
Ecc support is removed from Figure 1-1
........................................................................................... 3
Ecc support is removed from Table 3-1
........................................................................................... 6
Added ”Related Products” section
.................................................................................................. 8
Clarification notes are added on rtc_porz and rtc_iso connections
........................................................... 10
Added footnotes to the vout3_* signals which are muxed on vddshv6 power balls in Table 4-2 Ball Characteristics
. 12
Added footnotes to the vout3_* signals which are muxed on vddshv6 power balls in Table 4-5 DSS Signal
Descriptions
........................................................................................................................ 115
Signal Descriptions updated to remove redundancy
.......................................................................... 118
Text in ESD Ratings table clarified
.............................................................................................. 159
Table 5-3 is updated to show 100k(POH) at 105°C for OPP_NOM.
........................................................ 160
Note (5) in Table 5-7 is updated
................................................................................................. 165
“Added “Power Consumption Summary” section
.............................................................................. 182
PCIe Specification Revision is updated to version 3.0
........................................................................ 190
Notes 9, 12 and 13 in Figure 5-1 are updated
................................................................................. 194
Fixed some of the descriptions on GPMC and QSPI Manual Modes names in Table 7-2 “Modes Summary”
....... 213
Added new Manual Modes for: VOUT1, VOUT2 IOSET1, VOUT2 IOSET2 and VOUT3. Removed
DSS_VIRTUAL1
................................................................................................................... 213
Removed PRU-ICSS Virtual I/O Modes
........................................................................................ 213
New Timing information available for: Video Input Ports (VIP), Display Subsystem – Video Output Ports,
Multichannel Serial Peripheral Interface (MCSPI), Quad Serial Peripheral Interface (QSPI) and eMMC/SD/SDIO.
213
Corrected references for McASP Virtual modes in Table 7-2 “Modes Summary”
........................................ 213
Removed all vin4b_* signals from Table 7-9 Manual Functions Mapping for VIP2
....................................... 224
A caution and two notes are added in “Display Subsystem – Video Output Ports“ section stating that VOUT
signals are recommended to not use the default SLEWCONTROL settings. Slow SLEWCONTROL should be
used instead.
....................................................................................................................... 234
Flipped the "Parameter" entries for D5 and D6 in Table 7-16
............................................................... 234
Added footnotes to the vout3_* signals which muxed on vddshv6 power balls in Table 7-18 VOUT3 IOSETs.
..... 237
A new caution is added in “Quad Serial Peripheral Interface” subsection
................................................. 280
QSPI time value Q7 direction on Figure 7-37 through Figure 7-40 is updated to start prior CS
....................... 282
Added Table 7-53 through Table 7-60 to clarify the MCASP Virtual Timing Mode usage
............................... 292
An update is performed in the “Peripheral Component Interconnect Express (PCIe)” section.
......................... 307
Updated/Changed MIN and MAX values for tw(DATAIN) in Table 7-136 and tw(CLOCKOUT) in Table 7-137................. 348
A clarification note is added in the “PRU-ICSS MII_RT Electrical Data and Timing” section
............................ 351
Removed section PRU-ICSS Virtual Function Mapping
..................................................................... 361
In Table 8-1 some of the pins connected to LDO3 and LDO4 are updated
............................................... 377
Aligning "Device and Documentation Support" section with new flow
...................................................... 406
Аdded SR 2.0 in Table 9-1
....................................................................................................... 407
Updated Yy parameter in Table Nomenclature Description
.................................................................. 407


Podobny numer części - AM5726BABCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM5726BABCX TI1-AM5726BABCX Datasheet
4Mb / 415P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5726BABCXA TI1-AM5726BABCXA Datasheet
4Mb / 415P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5726BABCXAR TI1-AM5726BABCXAR Datasheet
4Mb / 415P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5726BABCXEA TI1-AM5726BABCXEA Datasheet
4Mb / 415P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
More results

Podobny opis - AM5726BABCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM5728 TI-AM5728_15 Datasheet
2Mb / 415P
[Old version datasheet]   AM572x SitaraTM Processors
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com