Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC37J82 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części DAC37J82
Szczegółowy opis  Digital-to-Analog Converters
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC37J82 Arkusz danych(HTML) 3 Page - Texas Instruments

  DAC37J82_16 Datasheet HTML 1Page - Texas Instruments DAC37J82_16 Datasheet HTML 2Page - Texas Instruments DAC37J82_16 Datasheet HTML 3Page - Texas Instruments DAC37J82_16 Datasheet HTML 4Page - Texas Instruments DAC37J82_16 Datasheet HTML 5Page - Texas Instruments DAC37J82_16 Datasheet HTML 6Page - Texas Instruments DAC37J82_16 Datasheet HTML 7Page - Texas Instruments DAC37J82_16 Datasheet HTML 8Page - Texas Instruments DAC37J82_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 122 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
GND
IOUTAP
IOUTAN
IOUTBN
IOUTBP
GND
GND
IOUTCP
IOUTCN
IOUTDN
IOUTDP
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
DACCLKP
VDDAPLL18
EXTIO
RBIAS
SDIO
SDO
DACCLKN
LPF
ATEST
SCLK
SDENB
GND
GND
GND
GND
GND
GND
GND
RESETB
ALARM
SLEEP
SYSREFP
SYNCBP
GND
GND
GND
GND
SYNC_N_CD
NC
SYSREFN
SYNCBN
GND
GND
GND
GND
SYNC_N_AB
NC
GND
GND
IFORCE
GND
GND
GND
GND
TXENABLE
TDI
TDO
GND
GND
VSENSE
VDDDIG09
TCLK
TMS
GND
RX7P
GND
GND
AMUX1
AMUX0
TRSTB
TESTMODE
GND
RX3P
RX7N
GND
GND
GND
GND
GND
GND
GND
GND
RX3N
RX6N
RX6P
RX5P
RX5N
RX4N
RX4P
RX0P
RX0N
RX1N
RX1P
RX2P
RX2N
12
11
10
9
8
7
6
5
4
3
2
1
12
11
10
9
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
GND
VDDAPLL18
VDDS18
VDDS18
VDDCLK09
VDDCLK09
VDDDIG09
VDDT09
VDDT09
VDDR18
VDDR18
VDDDIG09
VDDDIG09
VDDDIG09
VDDDIG09
VDDDIG09
VDDDIG09
VDDDIG09
VDDDIG09
VDDIO18
VDDIO18
VDDAREF18
VDDADAC33
VDDADAC33
VDDADAC33
VDDADAC33
VDDAREF18
VDDDAC09
VDDDAC09
VDDDAC09
VDDDAC09
VDDDAC09
VDDDAC09
VQPS18
VQPS18
VDDDIG09
DAC37J82, DAC38J82
www.ti.com
SLASE16B – JANUARY 2014 – REVISED MAY 2014
Device Comparison Table
DEVICE
MAXIMUM SAMPLE RATE
PACKAGE DRAWING/TYPE(1)
TA
DAC37J82IAAV
1.6 GSPS
AAV/144-ball flip chip BGA
–40°C to 85°C
DAC38J82IAAV
2.5 GSPS
AAV/144-ball flip chip BGA
–40°C to 85°C
(1)
MSL Peak Temperature: Level-3-260C-168 HR
5 Pin Configuration and Functions
144-Ball Flip Chip BGA
AAV Package
(Top View)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DAC37J82 DAC38J82


Podobny numer części - DAC37J82_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC37J82 TI-DAC37J82_15 Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
More results

Podobny opis - DAC37J82_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS822 TI1-ADS822_15 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HP16BME-1 DATEL-DAC-HP16BME-1 Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com