Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC37J84 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC37J84
Szczegółowy opis  Digital-to-Analog Converters
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC37J84 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button DAC37J84 Datasheet HTML 4Page - Texas Instruments DAC37J84 Datasheet HTML 5Page - Texas Instruments DAC37J84 Datasheet HTML 6Page - Texas Instruments DAC37J84 Datasheet HTML 7Page - Texas Instruments DAC37J84 Datasheet HTML 8Page - Texas Instruments DAC37J84 Datasheet HTML 9Page - Texas Instruments DAC37J84 Datasheet HTML 10Page - Texas Instruments DAC37J84 Datasheet HTML 11Page - Texas Instruments DAC37J84 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 122 page
background image
DAC37J84, DAC38J84
SLASE17B – JANUARY 2014 – REVISED MARCH 2014
www.ti.com
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Recommended operating junction temperature(1)
105
°C
TJ
Maximum rated operating junction temperature
125
°C
TA
Recommended free-air temperature
-40
25
85
°C
(1)
Prolonged use at this junction temperature may increase the device failure-in-time (FIT) rate.
6.4 Thermal Information
DAC3xJ84
THERMAL CONDUCTIVITY(1)
UNIT
AAV (144 TERMINALS)
RθJA
Theta junction-to-ambient (still air)
31.4
RθJB
Theta junction-to-board
12.6
RθJC
Theta junction-to-case, top
1.8
°C/W
ψJT
Psi junction-to-top of package
0.2
ψJB
Psi junction-to-bottom of package
12
(1)
Air flow or heat sinking reduces
θJA and may be required for sustained operation at 85° and maximum operating conditions.
6.5 DC Electrical Characteristics
Typical values at TA = 25°C, full temperature range is TMIN = -40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
DAC37J84
DAC38J84
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Resolution
16
16
Bits
DC ACCURACY
DNL
Differential nonlinearity
±4
±4
LSB
1 LSB = IOUTFS/2
16
INL
Integral nonlinearity
±6
±6
LSB
ANALOG OUTPUT
Coarse gain linearity
±0.04
±0.04
LSB
Offset error
Mid code offset
±0.001
±0.001
%FSR
With external reference
±2
±2
Gain error
%FSR
With internal reference
±2
±2
Gain mismatch
With internal reference
±2
±2
%FSR
Full scale output current
20
30
20
30
mA
Output compliance
–0.5
0.6
–0.5
0.6
V
Output resistance
300
300
k
Ω
Output capacitance
5
5
pF
REFERENCE OUTPUT
VREF
Reference output voltage
0.9
0.9
V
Reference output current(1)
100
100
nA
REFERENCE INPUT
VEXTIO
Input voltage
External Reference Mode
0.1
0.9
1
0.1
0.9
1
V
Input resistance
1
1
M
Ω
Input capacitance
50
50
pF
TEMPERATURE COEFFICIENTS
Offset drift
±1
±1
ppm/°C
with external reference
±15
±15
Gain drift
ppm/°C
with internal reference
±30
±30
Reference voltage drift
±8
±8
ppm/°C
(1)
Use an external buffer amplifier with high impedance input to drive any external load
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: DAC37J84 DAC38J84


Podobny numer części - DAC37J84

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC37J82 TI-DAC37J82 Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC37J82 TI1-DAC37J82 Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
DAC37J82IAAV TI-DAC37J82IAAV Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC37J82IAAV TI1-DAC37J82IAAV Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
DAC37J82IAAVR TI-DAC37J82IAAVR Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
More results

Podobny opis - DAC37J84

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS822 TI1-ADS822_15 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HP16BME-1 DATEL-DAC-HP16BME-1 Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com