Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC38J84IAAVR Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC38J84IAAVR
Szczegółowy opis  Digital-to-Analog Converters
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38J84IAAVR Arkusz danych(HTML) 5 Page - Texas Instruments

  DAC38J84IAAVR Datasheet HTML 1Page - Texas Instruments DAC38J84IAAVR Datasheet HTML 2Page - Texas Instruments DAC38J84IAAVR Datasheet HTML 3Page - Texas Instruments DAC38J84IAAVR Datasheet HTML 4Page - Texas Instruments DAC38J84IAAVR Datasheet HTML 5Page - Texas Instruments DAC38J84IAAVR Datasheet HTML 6Page - Texas Instruments DAC38J84IAAVR Datasheet HTML 7Page - Texas Instruments DAC38J84IAAVR Datasheet HTML 8Page - Texas Instruments DAC38J84IAAVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 122 page
background image
DAC37J84, DAC38J84
www.ti.com
SLASE17B – JANUARY 2014 – REVISED MARCH 2014
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NUMBER
CMOS output for ALARM condition. The ALARM output functionality is defined through the
ALARM
L8
O
config7 register. Default polarity is active high, but can be changed to active high via config0
alarm_out_pol control bit. If not used it can be left open.
AMUX0
H3
I/O
Analog test terminal for SerDes, Lane 0 to Lane 3. It can be left open if not used.
AMUX1
E3
I/O
Analog test terminal for SerDes, Lane 4 to Lane 7. It can be left open if not used.
ATEST
K9
I/O
Analog test terminal for DAC, references and PLL. It can be left open if not used.
Positive LVPECL clock input for DAC core with Vcm = 0.5V. It can be PLL reference clock or
DACCLKP
A10
I
external DAC sampling rate clock. If not used, DACCLK is self-biased with 100mV differential
at Vcm = 0.5V.
DACCLKN
A9
I
Complementary LVPECL clock input for DAC core. (see the DACCLKP description)
Used as external reference input when internal reference is disabled through config27
extref_ena = ‘1’. Used as internal reference output when config27 extref_ena = ‘0’ (default).
EXTIO
F10
I/O
Requires a 0.1
μF decoupling capacitor to analog GND when used as reference output. It can
be left open if not used.
A12, F12, G12,
M12, A11, B11,
C11, D11, E11,
F11, G11, H11,
J11, K11, L11,
M11, C8, D8, E8,
F8, G8, H8, J8,
GND
I
These terminals are ground for all supplies.
E7, F7, G7, H7,
E6, F6, G6, H6,
A5, B5, E5, F5,
G5, H5, A4, B4,
M4, B3, C3, L3,
B2, C2, D2, E2,
H2, J2, K2, L2
IFORCE
C5
I/O
Analog test terminal for on chip parametric. It can be left open if not used.
IOUTAP
B12
O
A-Channel DAC current output. Must tied to GND if not used.
IOUTAN
C12
O
A-Channel DAC complementary current output. Must tied to GND if not used.
IOUTBP
E12
O
B-Channel DAC current output. Must tied to GND if not used.
IOUTBN
D12
O
B-Channel DAC complementary current output. Must tied to GND if not used.
IOUTCP
H12
O
C-Channel DAC current output. Must tied to GND if not used.
IOUTCN
J12
O
C-Channel DAC complementary current output. Must tied to GND if not used.
IOUTDP
L12
O
D-Channel DAC current output. Must tied to GND if not used.
IOUTDN
K12
O
D-Channel DAC complementary current output. Must tied to GND if not used.
LPF
C9
I/O
External PLL loop filter connection. It can be left open if not used.
Full-scale output current bias. Change the full-scale output current through coarse_dac(3:0).
RBIAS
G10
O
Expected to be 1.92k
Ω to GND.
Active low input for chip RESET, which resets all the programming registers to their default
RESETB
K8
I
state. Internal pull-up. It can be left open if not used.
CML SerDes interface lane 0 input, positive, expected to be AC coupled. It can be left open if
RX0P
G1
I
not used.
CML SerDes interface lane 0 input, negative, expected to be AC coupled. It can be left open if
RX0N
H1
I
not used.
CML SerDes interface lane 1 input, positive, expected to be AC coupled. It can be left open if
RX1P
K1
I
not used.
CML SerDes interface lane 1 input, negative, expected to be AC coupled. It can be left open if
RX1N
J1
I
not used.
CML SerDes interface lane 2 input, positive, expected to be AC coupled. It can be left open if
RX2P
L1
I
not used.
CML SerDes interface lane 2 input, negative, expected to be AC coupled. It can be left open if
RX2N
M1
I
not used.
CML SerDes interface lane 3 input, positive, expected to be AC coupled. It can be left open if
RX3P
M3
I
not used.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DAC37J84 DAC38J84


Podobny numer części - DAC38J84IAAVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC38J82 TI-DAC38J82 Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC38J82 TI1-DAC38J82 Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
DAC38J82IAAV TI-DAC38J82IAAV Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC38J82IAAV TI1-DAC38J82IAAV Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
DAC38J82IAAVR TI-DAC38J82IAAVR Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
More results

Podobny opis - DAC38J84IAAVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS822 TI1-ADS822_15 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HP16BME-1 DATEL-DAC-HP16BME-1 Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com