Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC39J82IAAV Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC39J82IAAV
Szczegółowy opis  Digital-to-Analog Converter
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39J82IAAV Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button DAC39J82IAAV Datasheet HTML 2Page - Texas Instruments DAC39J82IAAV Datasheet HTML 3Page - Texas Instruments DAC39J82IAAV Datasheet HTML 4Page - Texas Instruments DAC39J82IAAV Datasheet HTML 5Page - Texas Instruments DAC39J82IAAV Datasheet HTML 6Page - Texas Instruments DAC39J82IAAV Datasheet HTML 7Page - Texas Instruments DAC39J82IAAV Datasheet HTML 8Page - Texas Instruments DAC39J82IAAV Datasheet HTML 9Page - Texas Instruments DAC39J82IAAV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 147 page
background image
DAC39J82
SLASE47 – JANUARY 2015
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NUMBER
Internal clock buffer supply voltage (0.9V). It is recommended to isolate this supply from
VDDCLK09
A8, B8
I
VDDDIG09.
D9, E9, F9, G9,
VDDDAC09
I
DAC core supply voltage. (0.9V). It is recommended to isolate this supply from VDDDIG09.
H9, J9
J7, J6, D5, J5,
Digital supply voltage. (0.9V). It is recommended to isolate this supply from VDDCLK09 and
VDDDIG09
D4, E4, F4, G4,
I
VDDDAC09.
H4, J4, D3
VDDIO18
K7, K6
I
Supply voltage for all digital I/O and CMOS I/O. (1.8V)
VDDR18
F2, G2
I
Supply voltage for SerDes (1.8V)
VDDS18
C7, C6
I
Supply voltage for LVDS SYNCBP/N (1.8V)
VDDT09
F3, G3
I
Supply voltage for SerDes termination (0.9V)
Fuse supply voltage. This supply pin is also used for factory fuse programming. Connect to
VQPS18
D7, D6
I
1.8V.
VSENSE
C4
I/O
Analog test pin for on chip parametric. It can be left open if not used.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDDDAC09, VDDDIG09
–0.3
1.3
V
VDDCLK09
–0.3
1.3
V
VDDT09
–0.3
1.3
V
Supply
voltage(2)
VDDR18, VDDIO18, VDDS18, VQPS18
–0.3
2.45
V
VDDAPLL18, VDDAREF18
–0.3
2.45
V
VDDADAC33
–0.3
4.0
V
RX[7..0]P/N
–0.5 V
VDDT09 + 0.5 V
V
SDENB, SCLK, SDIO, SDO, TXENA, ALARM, RESETB, SLEEP, TMS,
–0.5 V
VDDIO18 + 0.5 V
V
TCLK, TDI, TDO, TRSTB, TESTMODE, SYNC_N_AB, SYNC_N_CD
DACCLKP/N, SYSREFP/N
–0.5 V
VDDAPLL18 + 0.5 V
V
SYNCBP/N
–0.5 V
VDDS18 + 0.5 V
V
Pin voltage(2)
LPF
–0.5 V
VDDAPLL18 + 0.5 V
V
IOUTAP/N, IOUTBP/N, IOUTCP/N, IOUTDP/N
–0.5 V
1.0 V
V
RBIAS, EXTIO, ATEST
–0.5 V VDDAREF18 + 0.5 V
V
IFORCE, VSENSE
–0.5 V
VDDDIG09 + 0.5 V
V
AMUX1, AMUX0
–0.5 V
VDDT09 + 0.5 V
V
Peak input current (any input)
20
mA
Peak total input current (all inputs)
–30
mA
Absolute maximum junction temperature TJ
150
°C
Operating free-air temperature range, TA: DAC39J82
–40
85
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to GND.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DAC39J82


Podobny numer części - DAC39J82IAAV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC39J82 TI1-DAC39J82 Datasheet
2Mb / 144P
[Old version datasheet]   Resolution: 16-Bit
More results

Podobny opis - DAC39J82IAAV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com