Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC121S101QML Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części DAC121S101QML
Szczegółowy opis  DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121S101QML Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button DAC121S101QML_16 Datasheet HTML 2Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 3Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 4Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 5Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 6Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 7Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 8Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 9Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DAC121S101QML
SNAS410E – MAY 2008 – REVISED MARCH 2013
www.ti.com
DAC121S101 Electrical Characteristics AC and Timing Characteristics
The following specifications apply for VA = +2.7 V to +5.5 V, RL = ∞, CL = 200 pF to GND, fSCLK = 20 MHz, input code range
48 to 4047. Boldface limits apply for TMIN ≤ TA ≤ TMAX: all other limits TA = 25°C, unless otherwise specified.
Sub-
Parameter
Test Conditions
Notes
Typical(1)
Min
Max
Units
groups
fSCLK
SCLK Frequency
(See Figure 4)
See(2)
20
MHz
9, 10, 11
CL ≤ 200 pF
12.5
15
µs
9, 10, 11
FF0 to 00F code change,
RL = ∞
CL = 500 pF
12.5
15
µs
9, 10, 11
ts
Output Voltage Settling Time
CL ≤ 200 pF
12.5
15
µs
9, 10, 11
00Fh to FF0h code
change, RL = ∞
CL = 500 pF
12.5
15
µs
9, 10, 11
SR
Output Slew Rate
See(2)
1
V/µs
Code change from 800h to
Glitch Impulse
See(2)
12
nV-sec
7FFh
Digital Feedthrough
See(2)
0.5
nV-sec
VA = 5 V
.65
µs
tWU
Wake-Up Time
See(2)
VA = 3 V
1.1
µs
1/fSCLK
SCLK Cycle Time
(See Figure 4)
50
ns
9, 10, 11
tH
SCLK High time
(See Figure 4)
20
ns
9, 10, 11
tL
SCLK Low Time
(See Figure 4)
20
ns
9, 10, 11
Set-up Time SYNC to SCLK
tSUCL
(See Figure 4)
0
ns
9, 10, 11
Rising Edge
tSUD
Data Set-Up Time
(See Figure 4)
6
ns
9, 10, 11
tDHD
Data Hold Time
(See Figure 4)
4.5
ns
9, 10, 11
VA = 5.5 V (See Figure 4)
10
ns
9, 10, 11
tCS
SCLK fall to rise of SYNC
VA = 2.7 V (See Figure 4)
18
ns
9, 10, 11
VA = 5.5 V (See Figure 4)
37
ns
9, 10, 11
tSYNC
SYNC High Time
VA = 2.7 V (See Figure 4)
36
ns
9, 10, 11
(1)
Typical figures are at TJ = 25°C, and represent most likely parametric norms.
(2)
This parameter is guaranteed by design and/or characterization and is not tested in production.
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DAC121S101QML


Podobny numer części - DAC121S101QML_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

Podobny opis - DAC121S101QML_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
[Old version datasheet]   DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com