Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC1280 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części DAC1280
Szczegółowy opis  Low Distortion Digital-to-Analog Converter for Seismic Monitoring
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1280 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button DAC1280_15 Datasheet HTML 3Page - Texas Instruments DAC1280_15 Datasheet HTML 4Page - Texas Instruments DAC1280_15 Datasheet HTML 5Page - Texas Instruments DAC1280_15 Datasheet HTML 6Page - Texas Instruments DAC1280_15 Datasheet HTML 7Page - Texas Instruments DAC1280_15 Datasheet HTML 8Page - Texas Instruments DAC1280_15 Datasheet HTML 9Page - Texas Instruments DAC1280_15 Datasheet HTML 10Page - Texas Instruments DAC1280_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
0
50
100
150
200
250
300
350
400
450
500
Frequency (Hz)
Gain = 1/1
4k FFT
V
= 0.5dBFS, 31.25Hz
THD = 129.2dB
SNR = 120.5dB
-
OUT
-
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
0
50
100
150
200
250
300
350
400
450
500
Frequency (Hz)
Gain = 1/2
4k FFT
V
= 0.5dBFS, 31.25Hz
THD = 128.9dB
SNR = 119.5dB
-
OUT
-
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
0
50
100
150
200
250
300
350
400
450
500
Frequency (Hz)
Gain = 1/4
4k FFT
V
= 0.5dBFS, 31.25Hz
THD = 127.6dB
SNR = 117.4dB
-
OUT
-
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
0
50
100
150
200
250
300
350
400
450
500
Frequency (Hz)
Gain = 1/8
4k FFT
V
= 0.5dBFS, 31.25Hz
THD = 126dB
SNR = 114.1dB
OUT
-
-
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
0
50
100
150
200
250
300
350
400
450
500
Frequency (Hz)
Gain = 1/16
8k FFT
V
= 0.5dBFS, 31.25Hz
THD = 124.8dB
SNR = 109.4dB
OUT
-
-
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
0
50
100
150
200
250
300
350
400
450
500
Frequency (Hz)
Gain = 1/32
8k FFT
V
= 0.5dBFS, 31.25Hz
THD = 117.6dB
SNR = 104.8dB
OUT
-
-
DAC1280
www.ti.com
SBAS432A – APRIL 2010 – REVISED SEPTEMBER 2010
TYPICAL CHARACTERISTICS
At TA = +25°C, AVDD = +2.5V, AVSS = +2.5V, DVDD = +3.3V, CLK = 4.096MHz, VREF = +5V, and RREF = 30kΩ, unless
otherwise noted. Data acquired using circuit configuration shown in Figure 35. THD and SNR measured by ADS1282 (1ms
sampling and complement gain setting).
OUTPUT SPECTRUM
OUTPUT SPECTRUM
Figure 2.
Figure 3.
OUTPUT SPECTRUM
OUTPUT SPECTRUM
Figure 4.
Figure 5.
OUTPUT SPECTRUM
OUTPUT SPECTRUM
Figure 6.
Figure 7.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC1280


Podobny numer części - DAC1280_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC1280 TI-DAC1280 Datasheet
618Kb / 24P
[Old version datasheet]   Very Low Distortion Digital-to-Analog Converter for Seismic Applications
More results

Podobny opis - DAC1280_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC1282 TI1-DAC1282 Datasheet
1Mb / 43P
[Old version datasheet]   LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
DAC1282 TI1-DAC1282_15 Datasheet
1Mb / 46P
[Old version datasheet]   Low Distortion Digital-to-Analog Converter for Seismic
DAC1280 TI-DAC1280 Datasheet
618Kb / 24P
[Old version datasheet]   Very Low Distortion Digital-to-Analog Converter for Seismic Applications
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
   LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
logo
Frequency Devices, Inc.
VM8DAC FREQUENCYDEVICES-VM8DAC Datasheet
117Kb / 2P
   Low Noise Digital to Analog Converter
logo
Analog Devices
ADC1121 AD-ADC1121 Datasheet
2Mb / 6P
   Low Power Analog to Digital Converter
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com