Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVCHR16245AGRG4 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części 74LVCHR16245AGRG4
Szczegółowy opis  16-Bit Bus Transceiver With 3-State Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74LVCHR16245AGRG4 Arkusz danych(HTML) 3 Page - Texas Instruments

  74LVCHR16245AGRG4 Datasheet HTML 1Page - Texas Instruments 74LVCHR16245AGRG4 Datasheet HTML 2Page - Texas Instruments 74LVCHR16245AGRG4 Datasheet HTML 3Page - Texas Instruments 74LVCHR16245AGRG4 Datasheet HTML 4Page - Texas Instruments 74LVCHR16245AGRG4 Datasheet HTML 5Page - Texas Instruments 74LVCHR16245AGRG4 Datasheet HTML 6Page - Texas Instruments 74LVCHR16245AGRG4 Datasheet HTML 7Page - Texas Instruments 74LVCHR16245AGRG4 Datasheet HTML 8Page - Texas Instruments 74LVCHR16245AGRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
DGG, DGV, OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1DIR
1B1
1B2
GND
1B3
1B4
VCC
1B5
1B6
GND
1B7
1B8
2B1
2B2
GND
2B3
2B4
VCC
2B5
2B6
GND
2B7
2B8
2DIR
1OE
1A1
1A2
GND
1A3
1A4
VCC
1A5
1A6
GND
1A7
1A8
2A1
2A2
GND
2A3
2A4
VCC
2A5
2A6
GND
2A7
2A8
2OE
SN74LVCHR16245A
www.ti.com
SCAS582Q – NOVEMBER 1996 – REVISED OCTOBER 2014
6 Pin Configuration and Functions
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
1DIR
I
Direction pin 1
2
1B1
I/O
1B1 input or output
3
1B2
I/O
1B2 input or output
4
GND
Ground pin
5
1B3
I/O
1B3 input or output
6
1B4
I/O
1B4 input or output
7
VCC
Power pin
8
1B5
I/O
1B5 input or output
9
1B6
I/O
1B6 input or output
10
GND
Ground pin
11
1B7
I/O
1B7 input or output
12
1B8
I/O
1B8 input or output
13
2B1
I/O
2B1 input or output
14
2B2
I/O
2B2 input or output
15
GND
Ground pin
16
2B3
I/O
2B3 input or output
17
2B4
I/O
2B4 input or output
18
VCC
Power pin
Copyright © 1996–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LVCHR16245A


Podobny numer części - 74LVCHR16245AGRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LVCHR16245AGRG4 TI1-74LVCHR16245AGRG4 Datasheet
1,022Kb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
More results

Podobny opis - 74LVCHR16245AGRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ16245A TI-SN74LVCZ16245A Datasheet
190Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245-EP TI1-SN74ALVCH16245-EP Datasheet
292Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245 TI-SN74ALVCH16245 Datasheet
465Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245 TI-SN74AVC16245 Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CABT16245AMDLREP TI1-CABT16245AMDLREP Datasheet
548Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245A TI-SN74LVCH16245A_06 Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com