Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC3154 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC3154
Szczegółowy opis  Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3154 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button DAC3154 Datasheet HTML 7Page - Texas Instruments DAC3154 Datasheet HTML 8Page - Texas Instruments DAC3154 Datasheet HTML 9Page - Texas Instruments DAC3154 Datasheet HTML 10Page - Texas Instruments DAC3154 Datasheet HTML 11Page - Texas Instruments DAC3154 Datasheet HTML 12Page - Texas Instruments DAC3154 Datasheet HTML 13Page - Texas Instruments DAC3154 Datasheet HTML 14Page - Texas Instruments DAC3154 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
DAC3154
DAC3164
www.ti.com
SLAS960 – MAY 2013
ELECTRICAL CHARACTERISTICS – AC SPECIFICATIONS
Typical values at T A = 25°C, full temperature range is T MIN = –40°C to T MAX = 85°C, DAC sample rate = 500MSPS, 50%
clock duty cycle, VDDA33/IOVDD = 3.3V, VDDA18/CLKVDD18/DIGVDD18 = 1.8V, IOUT FS = 20mA (unless otherwise
noted).
DAC3154
DAC3164
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP MAX
MIN
TYP MAX
ANALOG OUTPUT
fDAC
Maximum sample rate
500
500
MSPS
Output settling time to
ts(DAC)
Transition: Code 0x0000 to 0x3FFF
11
11
ns
0.1%
tPD
Output propagation delay
Does not include digital latency
2
2
ns
Output rise time 10% to
tr(IOUT)
200
200
ps
90%
Output fall time 90% to
tf(IOUT)
200
200
ps
10%
Length of delay from DAC input pins to DATA at
Digital Latency
output pins. In normal operation mode including the
26
26
µs
latency of FIFO.
AC PERFORMANCE
fDAC = 500 MSPS, fout = 10.1 MHz
81
82
Spurious free dynamic
SFDR
fDAC = 500 MSPS, fout = 20.1 MHz
76
77
dBc
range
fDAC = 500 MSPS, fout = 70.1 MHz
69
70
fDAC = 500 MSPS, fout = 10.1 ±0.5 MHz
82
83
fDAC = 500 MSPS, fout = 20.1 ±0.5 MHz
81
82
IMD3
Intermodulation distortion
dBc
fDAC = 500 MSPS, fout = 70.1 ±0.5 MHz
73.5
74
fDAC = 500 MSPS, fout = 150.1 ±0.5 MHz
61
61
fDAC = 500 MSPS, fout = 10.1 MHz
147
158
NSD
Noise spectral density
fDAC = 500 MSPS, fout = 20.1 MHz
146
156
dBc/Hz
fDAC = 500 MSPS, fout = 70.1 MHz
146
153
fDAC = 491.52 MSPS, fout = 30.72 MHz,
69
77
WCDMA TM1
Adjacent channel leakage
ACLR
dBc
ratio
f AC = 491.52 MSPS, fout = 153.6 MHz,
68
73
WCDMA TM1
fDAC = 500 MSPS,
Channel isolation
90
90
dBc
fout = 20 MHz
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DAC3154 DAC3164


Podobny numer części - DAC3154

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3154IRGCR PANJIT-DAC3154IRGCR Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3154IRGCT PANJIT-DAC3154IRGCT Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results

Podobny opis - DAC3154

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Texas Instruments
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463 TI1-ADS5463_14 Datasheet
1Mb / 49P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
logo
Texas Instruments
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com