Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVCHR16245AVR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74LVCHR16245AVR
Szczegółowy opis  16-Bit Bus Transceiver With 3-State Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVCHR16245AVR Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74LVCHR16245AVR Datasheet HTML 1Page - Texas Instruments SN74LVCHR16245AVR Datasheet HTML 2Page - Texas Instruments SN74LVCHR16245AVR Datasheet HTML 3Page - Texas Instruments SN74LVCHR16245AVR Datasheet HTML 4Page - Texas Instruments SN74LVCHR16245AVR Datasheet HTML 5Page - Texas Instruments SN74LVCHR16245AVR Datasheet HTML 6Page - Texas Instruments SN74LVCHR16245AVR Datasheet HTML 7Page - Texas Instruments SN74LVCHR16245AVR Datasheet HTML 8Page - Texas Instruments SN74LVCHR16245AVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
To Seven Other Channels
1DIR
1A1
1B1
1OE
To Seven Other Channels
2DIR
2A1
2B1
2OE
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVCHR16245A
SCAS582Q – NOVEMBER 1996 – REVISED OCTOBER 2014
SN74LVCHR16245A 16-Bit Bus Transceiver With 3-State Outputs
1 Features
2 Applications
1
Member of the Texas Instruments
Telecom Infrastructures
Widebus™ Family
Industrial Transport
Operates From 1.65 V to 3.6 V
Wireless Infrastructures
Inputs Accept Voltages to 5.5 V
Servers
Max tpd of 4.8 ns at 3.3 V
Tests and Measurements
Typical VOLP (Output Ground Bounce)
3 Description
< 0.8 V at VCC = 3.3 V, TA = 25°C
This 16-bit (dual-octal) noninverting bus transceiver is
Typical VOHV (Output VOH Undershoot)
designed for 1.65-V to 3.6-V VCC operation.
> 2 V at VCC = 3.3 V, TA = 25°C
Supports Mixed-Mode Signal Operation on
The SN74LVCHR16245A device is designed for
asynchronous communication between data buses.
All Ports (5-V Input/Output Voltage
The
control-function
implementation
minimizes
With 3.3-V VCC)
external-timing requirements.
Bus Hold on Data Inputs Eliminates the Need for
External Pullup or Pulldown Resistors
Device Information(1)
All Outputs Have Equivalent 26-
Ω Series
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Resistors, So No External Resistors Are Required
TSSOP (48)
12.50 mm × 6.10 mm
Ioff Supports Live Insertion, Partial Power-Down
SN74LVCHR16245A
SSOP (48)
15.88 mm × 7.49 mm
Mode, and Back-Drive Protection
TVSOP (48)
9.70 mm × 4.40 mm
Latch-Up Performance Exceeds 250 mA
(1) For all available packages, see the orderable addendum at
Per JESD 17
the end of the data sheet.
ESD Protection Exceeds JESD 22
2000-V Human-Body Model
200-V Machine Model
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - SN74LVCHR16245AVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVCHR16245AVR TI-SN74LVCHR16245AVR Datasheet
605Kb / 19P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245AVR TI1-SN74LVCHR16245AVR Datasheet
1,022Kb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
More results

Podobny opis - SN74LVCHR16245AVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ16245A TI-SN74LVCZ16245A Datasheet
190Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245-EP TI1-SN74ALVCH16245-EP Datasheet
292Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245 TI-SN74ALVCH16245 Datasheet
465Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245 TI-SN74AVC16245 Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CABT16245AMDLREP TI1-CABT16245AMDLREP Datasheet
548Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245A TI-SN74LVCH16245A_06 Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com