Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC7545GLU Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części DAC7545GLU
Szczegółowy opis  CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7545GLU Arkusz danych(HTML) 5 Page - Texas Instruments

  DAC7545GLU Datasheet HTML 1Page - Texas Instruments DAC7545GLU Datasheet HTML 2Page - Texas Instruments DAC7545GLU Datasheet HTML 3Page - Texas Instruments DAC7545GLU Datasheet HTML 4Page - Texas Instruments DAC7545GLU Datasheet HTML 5Page - Texas Instruments DAC7545GLU Datasheet HTML 6Page - Texas Instruments DAC7545GLU Datasheet HTML 7Page - Texas Instruments DAC7545GLU Datasheet HTML 8Page - Texas Instruments DAC7545GLU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DAC7545
5
SBAS150A
www.ti.com
APPLICATIONS
UNIPOLAR OPERATION
Figure 2 shows the DAC7545 connected for unipolar opera-
tion. The high-grade DAC7545 is specified for a 1LSB gain
error, so gain adjust is typically not needed; however, the
resistors shown are for adjusting full-scale errors. The value
of R1 should be minimized to reduce the effects of mismatch-
ing temperature coefficients between the internal and exter-
nal resistors. A range of adjustment of 1.5 times the desired
range will be adequate. For example, for a DAC7545JP, the
gain error is specified to be
±25LSB, therefore, a range of
adjustment of
±37LSB will be adequate. Equation 1 results in
a value of 458W for the potentiometer (use 500
Ω).
R
R
Gain Error
LADDER
1
4096
3
=
(
)
(1)
FIGURE 2. Unipolar Binary Operation.
BINARY CODE
ANALOG OUTPUT
MSB
LSB
1111 1111 1111
–VIN (4095/4096)
1000 0000 0000
–VIN (2048/4096) = –1/2VIN
0000 0000 0001
–VIN (1/4096)
0000 0000 0000
0V
TABLE I. Unipolar Codes.
OPA604
V
IN
R
1
R
2
V
DD
R
FB
DAC7545 AGND
DGND
OUT 1
DB
0-DB11
C
1
33pF
+5V
V
OUT
V
REF
R3, R4, and R5 must match within 0.01% and must be the
same type of resistors (preferably wire-wound or metal foil),
so that the temperature coefficients match; mismatch of R3
value to R4 causes both offset and full-scale error. Mismatch
of R5 to R4 and R3 causes full-scale error.
FIGURE 3. Bipolar Operation (binary two’s complement code).
OPA604
or
1/2 OPA2604
V
IN
R
1
R
2
V
DD
R
FB
DAC7545
AGND
DB
10-DB0
OUT 1
Data Input
C
1
33pF
+5V
DB
11
V
REF
V
OUT
R
3
10k
R
4
20k
R
5
20k
R
6
5k
Ω 10%
U
1
(see text)
12
11
Analog Common
2
1
18
20
19
4
OPA604
or
1/2 OPA2604
DATA INPUT
ANALOG OUTPUT
MSB
LSB
0111 1111 1111
+VIN (2047/2048)
0000 0000 0001
+VIN (1/2048)
0000 0000 0000
0V
1111 1111 1111
–VIN (1/2048)
1000 0000 0000
–VIN (2048/2048)
TABLE II. Binary Two’s Complement Code Table for Circuit
of Figure 3.
tance. Eliminating this capacitor will result in excessive ringing
and an increase in glitch energy, therefore, this capacitor must
be as small as possible to minimize settling time.
The circuit of Figure 2 can be used with input voltages up to
±20V as long as the output amplifier is biased to handle the
excursions. Table I represents the analog output for four
codes into the DAC for Figure 2.
BIPOLAR OPERATION
Figure 3 and Table II illustrate the recommended circuit and
code relationship for bipolar operation. The DAC function uses
offset binary code. The inverter, U1, on the MSB line converts
binary two’s complement input code to offset binary code. If the
inversion is done in software, U1 can be omitted.
The addition of R1 will cause a negative gain error. To
compensate for this error, R2 must be added. The value of R2
should be one-third the value of R1.
The capacitor across the feedback resistor is used to compen-
sate for the phase shift due to stray capacitances of the circuit
board, the DAC output capacitance, and op amp input capaci-


Podobny numer części - DAC7545GLU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
DAC7545GLU BURR-BROWN-DAC7545GLU Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545GLU TI1-DAC7545GLU Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results

Podobny opis - DAC7545GLU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
   Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP1230A EXAR-MP1230A Datasheet
114Kb / 12P
   CMOS Microprocessor Compatible Double-Buffered 12-Bit Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com