Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD74HC4511M Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części CD74HC4511M
Szczegółowy opis  BCD-TO-7 Segment
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC4511M Arkusz danych(HTML) 4 Page - Texas Instruments

  CD74HC4511M Datasheet HTML 1Page - Texas Instruments CD74HC4511M Datasheet HTML 2Page - Texas Instruments CD74HC4511M Datasheet HTML 3Page - Texas Instruments CD74HC4511M Datasheet HTML 4Page - Texas Instruments CD74HC4511M Datasheet HTML 5Page - Texas Instruments CD74HC4511M Datasheet HTML 6Page - Texas Instruments CD74HC4511M Datasheet HTML 7Page - Texas Instruments CD74HC4511M Datasheet HTML 8Page - Texas Instruments CD74HC4511M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CD54HC4511, CD74HC4511, CD74HCT4511
BCDTO7 SEGMENT LATCH/DECODER/DRIVERS
SCHS279D − DECEMBER 1998 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input diode current, IIK (VI < −0.5 V or VI > VCC + 0.5 V) ) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . .
Output diode current, IOK (VO < −0.5 V or VO > VCC + 0.5V) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . .
Continuous output source or sink current per output, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): E package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
108
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (during soldering):
At distance 1/16
± 1/32 in (1.59 ± 0.79 mm) from case for 10 s maximum
265
°C
. . . . . . . . . . . . . . . . . . . . .
Unit inserted into a PC board (minimum thickness 1/16 in, 1.59 mm),
with solder contacting lead tips only
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
−65 to 150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions for ’HC4511 (see Note 3)
TA = 25°C
TA = −55°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
2
6
2
6
2
6
V
VCC = 2 V
1.5
1.5
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
3.15
3.15
V
VIH
High-level input voltage
VCC = 6 V
4.2
4.2
4.2
V
VCC = 2 V
0.5
0.5
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
1.35
1.35
V
VIL
Low-level input voltage
VCC = 6 V
1.8
1.8
1.8
V
VI
Input voltage
0
VCC
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
0
VCC
V
VCC = 2 V
1000
1000
1000
tt
Input transition (rise and fall) time
VCC = 4.5 V
500
500
500
ns
tt
Input transition (rise and fall) time
VCC = 6 V
400
400
400
ns
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Podobny numer części - CD74HC4511M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74HC4511M TI-CD74HC4511M Datasheet
428Kb / 17P
[Old version datasheet]   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVERS
CD74HC4511M96 TI-CD74HC4511M96 Datasheet
428Kb / 17P
[Old version datasheet]   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVERS
CD74HC4511M96E4 TI-CD74HC4511M96E4 Datasheet
428Kb / 17P
[Old version datasheet]   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVERS
CD74HC4511ME4 TI-CD74HC4511ME4 Datasheet
428Kb / 17P
[Old version datasheet]   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVERS
CD74HC4511MT TI-CD74HC4511MT Datasheet
428Kb / 17P
[Old version datasheet]   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVERS
More results

Podobny opis - CD74HC4511M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MM74C48 FAIRCHILD-MM74C48 Datasheet
57Kb / 6P
   BCD-to-7 Segment Decoder
logo
National Semiconductor ...
74LS48 NSC-74LS48 Datasheet
116Kb / 6P
   BCD to 7-Segment Decoder
MM54C48 NSC-MM54C48 Datasheet
130Kb / 6P
   BCD-to-7 Segment Decoder
54LS48 NSC-54LS48 Datasheet
95Kb / 4P
   BCD TO 7-SEGMENT DECODER
LS248 NSC-LS248 Datasheet
67Kb / 3P
   BCD TO 7-SEGMENT DECODER
DM74LS48 NSC-DM74LS48 Datasheet
119Kb / 6P
   BCD to 7-Segment Decoder
January 1992
logo
Motorola, Inc
SN54LS48 MOTOROLA-SN54LS48 Datasheet
100Kb / 3P
   BCD TO 7-SEGMENT DECODER
logo
Fairchild Semiconductor
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
   BCD TO 7-SEGMENT DECODER/DRIVER
logo
ON Semiconductor
SN74LS47 ONSEMI-SN74LS47 Datasheet
132Kb / 8P
   BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
Fairchild Semiconductor
DM7447AN FAIRCHILD-DM7447AN Datasheet
56Kb / 6P
   BCD to 7-Segment Decoders/Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com