Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4515BF3A Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części CD4515BF3A
Szczegółowy opis  Cmos 4-Bit Latch/4-to-16 Line Decoders
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CD4515BF3A Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button CD4515BF3A Datasheet HTML 6Page - Texas Instruments CD4515BF3A Datasheet HTML 7Page - Texas Instruments CD4515BF3A Datasheet HTML 8Page - Texas Instruments CD4515BF3A Datasheet HTML 9Page - Texas Instruments CD4515BF3A Datasheet HTML 10Page - Texas Instruments CD4515BF3A Datasheet HTML 11Page - Texas Instruments CD4515BF3A Datasheet HTML 12Page - Texas Instruments CD4515BF3A Datasheet HTML 13Page - Texas Instruments CD4515BF3A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MECHANICAL DATA
MPDI008 – OCTOBER 1994
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
N (R-PDIP-T**)
PLASTIC DUAL-IN-LINE PACKAGE
24 PIN SHOWN
12
Seating Plane
0.560 (14,22)
0.520 (13,21)
13
0.610 (15,49)
0.590 (14,99)
52
48
40
0.125 (3,18) MIN
2.390
(60,71)
(62,23)
(53,09)
(51,82)
2.040
2.090
2.450
2.650
(67,31)
(65,79)
2.590
0.010 (0,25) NOM
4040053 / B 04/95
A
0.060 (1,52) TYP
1
24
32
28
24
1.230
(31,24)
(32,26)
(36,83)
(35,81)
1.410
1.450
1.270
PINS **
DIM
0.015 (0,38)
0.021 (0,53)
A MIN
A MAX
1.650
(41,91)
(40,89)
1.610
0.020 (0,51) MIN
0.200 (5,08) MAX
0.100 (2,54)
M
0.010 (0,25)
0
°–15°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-011
D. Falls within JEDEC MS-015 (32 pin only)


Podobny numer części - CD4515BF3A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4515BF3A TI-CD4515BF3A Datasheet
222Kb / 12P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
CD4515BF3A TI1-CD4515BF3A Datasheet
995Kb / 15P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
CD4515BF3A TI-CD4515BF3A Datasheet
978Kb / 15P
[Old version datasheet]   CMOS 4-Bit Latch 4-to-16 Line Decoders
More results

Podobny opis - CD4515BF3A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS_06 Datasheet
340Kb / 9P
   CMOS 4-Bit Latch/4-to-16 Line Decoders
logo
Texas Instruments
CD4514BM96G4 TI-CD4514BM96G4 Datasheet
978Kb / 15P
[Old version datasheet]   CMOS 4-Bit Latch 4-to-16 Line Decoders
CD4514BM96G4 TI1-CD4514BM96G4 Datasheet
995Kb / 15P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS Datasheet
92Kb / 9P
   CMOS 4-Bit Latch/4-to-16 Line Decoders
December 1992
logo
Texas Instruments
CD4514B TI-CD4514B Datasheet
222Kb / 12P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
List of Unclassifed Man...
SCL4515B ETC1-SCL4515B Datasheet
2Mb / 3P
   CMOS 4-TO-16 LINE DECODERS WITH LATCH
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC_04 Datasheet
235Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
logo
National Semiconductor ...
CD4514BM NSC-CD4514BM Datasheet
135Kb / 6P
   4-Bit Latched/4-to-16 Line Decoders
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC Datasheet
84Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
logo
Hitachi Semiconductor
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
   4-bit Latch/4-to-16-Line Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com