Zakładka z wyszukiwarką danych komponentów |
|
DAC8814IBDBR Arkusz danych(PDF) 5 Page - Texas Instruments |
|
|
DAC8814IBDBR Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 27 page www.ti.com PIN CONFIGURATIONS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 AGNDA IOUTA VREFA RFBA MSB RS VDD CS CLK SDI RFBB VREFB IOUTB AGNDB AGNDD IOUTD VREFD RFBD DGND VSS (1) AGNDF LDAC SDO NC (1) RFBC VREFC IOUTC AGNDC DBPackage (TOP VIEW) NOTE (1):Nointernalconnection DAC8814 SBAS338D – JANUARY 2005 – REVISED SEPTEMBER 2006 PIN DESCRIPTION PIN NAME DESCRIPTION 1, 14, 15, 28 AGNDA, AGNDB, AGNDC, AGNDD DAC A, B, C, D Analog ground. 2, 13, 16, 27 IOUTA, IOUTB, IOUTC, IOUTD DAC A, B, C, D Current output. DAC A, B, C, D Reference voltage input terminal. Establishes DAC A, B, C, D full-scale 3, 12, 17, 26 VREFA, VREFB, VREFC, VREFD output voltage. Can be tied to VDD. 4, 11, 18, 25 RFBA, RFBB, RFBC, RFBD Establish voltage output for DAC A, B, C, D by connecting to external amplifier output. 5 MSB MSB Bit set during a reset pulse (RS) or at system power-on if tied to ground or VDD. Reset pin, active low. Input register and DAC registers are set to all zeros or half-scale 6 RS code (8000h) determined by the voltage on the MSB pin. Register data = 8000h when MSB = 1. 7 VDD Positive power-supply input. Specified range of operation +2.7 V to +5.5 V. Chip select; active low input. Disables shift register loading when high. Transfers shift 8 CS register data to input register when CS/LDAC goes high. Does not affect LDAC operation. 9 CLK Clock input; positive edge triggered clocks data into shift register 10 SDI Serial data input; data loads directly into the shift register. 19 NC Not connected; leave floating. Serial data output; input data loads directly into shift register. Data appears at SDO, 19 20 SDO clock pulses after input at the SDI pin. Load DAC register strobe; level sensitive active low. Transfers all input register data to 21 LDAC the DAC registers. Asynchronous active low input. See Table 1 for operation. 22 AGNDF High current analog force ground. 23 VSS No internal connection. 24 DGND Digital ground. 5 Submit Documentation Feedback |
Podobny numer części - DAC8814IBDBR |
|
Podobny opis - DAC8814IBDBR |