Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD74HC30M96 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części CD74HC30M96
Szczegółowy opis  High Speed CMOS Logic 8-Input NAND Gate
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC30M96 Arkusz danych(HTML) 3 Page - Texas Instruments

  CD74HC30M96 Datasheet HTML 1Page - Texas Instruments CD74HC30M96 Datasheet HTML 2Page - Texas Instruments CD74HC30M96 Datasheet HTML 3Page - Texas Instruments CD74HC30M96 Datasheet HTML 4Page - Texas Instruments CD74HC30M96 Datasheet HTML 5Page - Texas Instruments CD74HC30M96 Datasheet HTML 6Page - Texas Instruments CD74HC30M96 Datasheet HTML 7Page - Texas Instruments CD74HC30M96 Datasheet HTML 8Page - Texas Instruments CD74HC30M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
DC Input Diode Current, IIK
For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Diode Current, IOK
For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Source or Sink Current per Output Pin, IO
For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±25mA
DC VCC or Ground Current, ICC or IGND . . . . . . . . . . . . . . . . . .±50mA
Operating Conditions
Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . -55
oC to 125oC
Supply Voltage Range, VCC
HC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2V to 6V
HCT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V
DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . 0V to VCC
Input Rise and Fall Time
2V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000ns (Max)
4.5V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500ns (Max)
6V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400ns (Max)
Package Thermal Impedance,
θJA (see Note 1)
E (PDIP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80oC/W
M (SOIC) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86oC/W
NS (SOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76oC/W
PW (TSSOP) Package. . . . . . . . . . . . . . . . . . . . . . . . . . 113oC/W
Maximum Junction Temperature (Hermetic Package or Die) . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. The package thermal impedance is calculated in accordance with JESD 51-7.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO +85oC
-55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
High Level Input
Voltage
VIH
-
-
2
1.5
-
-
1.5
-
1.5
-
V
4.5
3.15
-
-
3.15
-
3.15
-
V
6
4.2
-
-
4.2
-
4.2
-
V
Low Level Input
Voltage
VIL
-
-
2
-
-
0.5
-
0.5
-
0.5
V
4.5
-
-
1.35
-
1.35
-
1.35
V
6
-
-
1.8
-
1.8
-
1.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or
VIL
-0.02
2
1.9
-
-
1.9
-
1.9
-
V
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
-0.02
6
5.9
-
-
5.9
-
5.9
-
V
High Level Output
Voltage
TTL Loads
--
-
-
-
----
V
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
-5.2
6
5.48
-
-
5.34
-
5.2
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or
VIL
0.02
2
-
-
0.1
-
0.1
-
0.1
V
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
0.02
6
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
--
-
-
-
----
V
4
4.5
-
-
0.26
-
0.33
-
0.4
V
5.2
6
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC or
GND
-6
-
-
±0.1
-
±1-
±1
µA
CD54/74HC30, CD54/74HCT30


Podobny numer części - CD74HC30M96

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74HC30M96 TI-CD74HC30M96 Datasheet
349Kb / 13P
[Old version datasheet]   High Speed CMOS Logic 8-Input NAND Gate
More results

Podobny opis - CD74HC30M96

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74HC30 TI-CD74HC30 Datasheet
349Kb / 13P
[Old version datasheet]   High Speed CMOS Logic 8-Input NAND Gate
CD54HC10 TI1-CD54HC10_14 Datasheet
614Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC00 TI1-CD54HC00_16 Datasheet
392Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
CD74HC20 TI-CD74HC20 Datasheet
45Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input NAND Gate
CD54HC00 TI-CD54HC00 Datasheet
33Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC10 TI-CD54HC10 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC20 TI-CD54HC20 Datasheet
257Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NAND Gate
CD74HC00M96G4 TI1-CD74HC00M96G4 Datasheet
615Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
CD74HCT20EE4 TI1-CD74HCT20EE4 Datasheet
603Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NAND Gate
CD54HC10 TI-CD54HC10_03 Datasheet
32Kb / 5P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com