Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD74HC245M Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części CD74HC245M
Szczegółowy opis  High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC245M Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button CD74HC245M Datasheet HTML 2Page - Texas Instruments CD74HC245M Datasheet HTML 3Page - Texas Instruments CD74HC245M Datasheet HTML 4Page - Texas Instruments CD74HC245M Datasheet HTML 5Page - Texas Instruments CD74HC245M Datasheet HTML 6Page - Texas Instruments CD74HC245M Datasheet HTML 7Page - Texas Instruments CD74HC245M Datasheet HTML 8Page - Texas Instruments CD74HC245M Datasheet HTML 9Page - Texas Instruments CD74HC245M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Test Circuits and Waveforms
FIGURE 1. HC TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 2. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 3. HC THREE-STATE PROPAGATION DELAY
WAVEFORM
FIGURE 4. HCT THREE-STATE PROPAGATION DELAY
WAVEFORM
NOTE:
Open drain waveforms tPLZ and tPZL are the same as those for three-state shown on the left. The test circuit is Output RL =1kΩ to
VCC, CL = 50pF.
FIGURE 5. HC AND HCT THREE-STATE PROPAGATION DELAY TEST CIRCUIT
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
50%
10%
90%
GND
VCC
10%
90%
50%
50%
OUTPUT
DISABLE
OUTPUT LOW
TO OFF
OUTPUT HIGH
TO OFF
OUTPUTS
ENABLED
OUTPUTS
DISABLED
OUTPUTS
ENABLED
6ns
6ns
tPZH
tPHZ
tPZL
tPLZ
0.3
2.7
GND
3V
10%
90%
1.3V
1.3V
OUTPUT
DISABLE
OUTPUT LOW
TO OFF
OUTPUT HIGH
TO OFF
OUTPUTS
ENABLED
OUTPUTS
DISABLED
OUTPUTS
ENABLED
tr
6ns
tPZH
tPHZ
tPZL
tPLZ
6ns
tf
1.3
IC WITH
THREE-
STATE
OUTPUT
OTHER
INPUTS
TIED HIGH
OR LOW
OUTPUT
DISABLE
VCC FOR tPLZ AND tPZL
GND FOR tPHZ AND tPZH
OUTPUT
RL = 1kΩ
CL
50pF
CD54HC245, CD74HC245, CD54HCT245, CD74HCT245
CD54HC245, CD74HC245, CD54HCT245, CD74HCT245


Podobny numer części - CD74HC245M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74HC245M TI-CD74HC245M Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HC245M TI-CD74HC245M Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HC245M96 TI-CD74HC245M96 Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HC245M96E4 TI-CD74HC245M96E4 Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HC245ME4 TI-CD74HC245ME4 Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
More results

Podobny opis - CD74HC245M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD54HC245 TI-CD54HC245 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245 TI-CD54HC245_03 Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HCT640 TI-CD54HCT640 Datasheet
268Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC640 TI-CD74HC640 Datasheet
37Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54HC640 TI-CD54HC640_08 Datasheet
275Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54AC245 TI-CD54AC245_07 Datasheet
437Kb / 16P
[Old version datasheet]   Octal-Bus Transceiver Three-State, Non-Inverting
logo
Intersil Corporation
CD54AC245 INTERSIL-CD54AC245 Datasheet
11Kb / 1P
   Octal-Bus Transceiver Three-State, Non-Inverting
June 1997
logo
Texas Instruments
CD74AC245 TI-CD74AC245 Datasheet
38Kb / 8P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC245 TI-CD54AC245 Datasheet
284Kb / 14P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
logo
Intersil Corporation
CD54ACT623F3A INTERSIL-CD54ACT623F3A Datasheet
17Kb / 3P
   Octal Bus Transceiver Three-State, Non-Inverting
July 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com