Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD74FCT245ME4 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części CD74FCT245ME4
Szczegółowy opis  BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CD74FCT245ME4 Arkusz danych(HTML) 4 Page - Texas Instruments

  CD74FCT245ME4 Datasheet HTML 1Page - Texas Instruments CD74FCT245ME4 Datasheet HTML 2Page - Texas Instruments CD74FCT245ME4 Datasheet HTML 3Page - Texas Instruments CD74FCT245ME4 Datasheet HTML 4Page - Texas Instruments CD74FCT245ME4 Datasheet HTML 5Page - Texas Instruments CD74FCT245ME4 Datasheet HTML 6Page - Texas Instruments CD74FCT245ME4 Datasheet HTML 7Page - Texas Instruments CD74FCT245ME4 Datasheet HTML 8Page - Texas Instruments CD74FCT245ME4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CD74FCT245
BiCMOS OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCBS721 – JULY 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions (unless otherwise noted) (see
Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
UNIT
tpd
A or B
B or A
5
1.5
7
ns
ten
OE
A or B
6
1.5
9.5
ns
tdis
OE
A or B
6
1.5
7.5
ns
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
1
V
VOH(V)
Quiet output, minimum dynamic VOH
0.5
V
VIH(D)
High-level dynamic input voltage
2
V
VIL(D)
Low-level dynamic input voltage
0.8
V
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
49
pF


Podobny numer części - CD74FCT245ME4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74FCT245M TI-CD74FCT245M Datasheet
39Kb / 7P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
More results

Podobny opis - CD74FCT245ME4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74FCT623 TI1-CD74FCT623 Datasheet
428Kb / 11P
[Old version datasheet]   BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CD74FCT652 TI1-CD74FCT652 Datasheet
260Kb / 12P
[Old version datasheet]   BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
CD74FCT2952A TI1-CD74FCT2952A Datasheet
160Kb / 9P
[Old version datasheet]   BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
CD74FCT646 TI1-CD74FCT646_14 Datasheet
277Kb / 12P
[Old version datasheet]   BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
CD74FCT543 TI1-CD74FCT543_14 Datasheet
259Kb / 11P
[Old version datasheet]   BiCMOS OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com