Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CBB138DS Arkusz danych(PDF) 4 Page - Jianghai Europe GmbH

Numer części CBB138DS
Szczegółowy opis  Polypropylene Film Capacitors for DC-Link Application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGHAI [Jianghai Europe GmbH]
Strona internetowa  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CBB138DS Arkusz danych(HTML) 4 Page - Jianghai Europe GmbH

  CBB138DS Datasheet HTML 1Page - Jianghai Europe GmbH CBB138DS Datasheet HTML 2Page - Jianghai Europe GmbH CBB138DS Datasheet HTML 3Page - Jianghai Europe GmbH CBB138DS Datasheet HTML 4Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Jianghai Film Capacitors
Warranty: The information contained in this datasheet does neither form part of
any quotation nor of a contract, it is believed to be accurate, reliable and up to date.
Quality data are based on the statistical evaluations of a large quantity of parts and
do not constitute a guarantee in a legal sense. However, agreement on these
specifications does mean that the customer may claim for replacement of individual
defective capacitors within the terms of delivery. We cannot assume any liability
beyond the replacement of defective components. This applies in particular to any
further consequences of component failure. Furthermore it must be taken into
consideration that the figures stated for lifetime, failure rates and outlier
percentages refer to the average production status and are therefore to be
understood as mean values (statistical expectations) for a large number of delivery
lots of identical capacitors. These figures are based on application experience and
data obtained from preceding tests under normal conditions, or – for purpose of
accelerated aging – more severe conditions. JIANGHAI reserves the right to
change these specifications without prior notice. Any application information given
is advisory and does not form part of any specification. The products are not
primarily designed for use in life supporting applications, devices or systems where
malfunction of these products can reasonably be expected to result in personal
injury. JIANGHAI customers using or selling these products for use in such
applications without prior written consent of JIANGHAI do so at their own risk and
agree fully to indemnify JIANGHAI for any damage resulting from such improper
use or sale. This version of the datasheet supersedes all previous versions.
Rated Voltage UR: Rated Voltage is the maximum operating peak voltage of either
polarity but of a non-reversing type waveform, for which the capacitor has been
designed, for continuous operation. The Rated Voltage is marked on the capacitor
and defined in the datasheets as UR.
Operating voltage: The plastic film capacitor varies in the maximum applicable
voltage depending on the applied voltage waveform, current waveform, frequency,
ambient temperature (capacitor surface temperature), capacitance value, etc. Be
sure to use capacitors within the specified values by checking the voltage
waveform, current waveform, and frequency applied to them (In the application of
high frequency, the permissible voltage varies with the type of the capacitor. Refer
to the specification for details.).
Non-recurrent surge voltage Us:Peak voltage induced by a switching or any
other disturbance of the system which is allowed for a limited number of times and
for durations shorter than the basic period.
- Maximum duration: 50 ms / pulse
- Maximum number of occurrences: 1000 (during load)
Maximum rate of voltage rise dV/dt: Maximum permissible repetitive rate of
voltage rise of the operational voltage.
Charging and discharging: Because the charging and discharging current of
capacitor is obtained by the product of voltage rise rate (dV/dt) and capacitance,
low voltage charging and discharging may also cause deterioration of capacitor
such as shorting and open due to sudden charging and discharging current. When
charging and discharging, pass through a res
istance of 20Ω/V to1000Ω/V or more
to limit the current.
When connecting multiple film capacitors in parallel in withstand voltage test or life
test, connect a resistance of 20Ω/V to1000Ω/V or more in series to each capacitor
(For detail see the specification). In addition, capacitors must be discharged via a
resistor before handling. Because the capacitors do not have any discharge
resistors built-in, there is a risk of residual voltages and electric energy contents
that maybe dangerous.
Operating Current:The pulse (or AC) current flowing through the capacitor is
expressed as: I = C x dV/dt. Due to the fact that the dissipation factor of the
capacitor is greater than zero, heat will be generated in any application where
alternating currents or pulses occur. The resulting internal temperature rise may
cause a severe deterioration of the capacitor’s withstanding voltage, or may lead to
a breakdown (even smoke or fire may result).Therefore, the safe use of capacitor
must be within the rated voltage (or category voltage) and the permissible current
ranges. The rated current must be considered by dividing into pulse current (peak
current) and continuous current (rms current) depending on the break down mode,
and when using, should make sure the both currents are within the permissible
range.
Temperature range: Use film capacitors only within the specified operating
temperature range.
Expected lifetime:The expected lifetime of the capacitor depends on the applied
voltage and the hot spot temperature during operation. For capacitors applied in
different situations, the obtainable average service lives are different. The
capacitors used in DC-Link circuits will have an expected lifetime of approximately
100000 hours at rated voltage and 70℃ hot spot temperature.
Insulation voltage Ui: rms value of AC voltage designed for the insulation
between terminals of the capacitor to case or earth. The insulation voltage is
equal to the rated voltage of the capacitor, divided by
, unless otherwise
specified.
Voltage between terminals UTT: Voltage between terminals (at 20°C, 10s):
1.5×URDC
Voltage between terminals and case UTC: Voltage between terminals and
case (at 20°C, 10s): 2 × Ui + 1000 or 3000 (VAC), whichever value is larger.
Buzzing noise: Any buzzing noise produced by a capacitor is caused by the
vibration of the film due to the Coulomb force that is generated between the
electrodes with opposite poles. If the wave-form with a high distortion rate or
frequency is applied across the capacitor, the buzzing noise will become louder.
But the buzzing noise is of no harm to the capacitor.
Surface over temperature
θ case: When current continuously flow
through the capacitor, the temperature inside the capacitor will rise induced by
dissipated heat. If the temperature exceeds the maximum allowed hot-spot
temperature, it might cause a short circuit or fire. The limits described in the
catalogue must not be exceeded and it's necessary to check the temperature
on the capacitor’s surface in operation.
Flame retardation: Although flame retarding PU resin or plastic case material
is used in the coating or encapsulation of plastic film capacitors, continuous
exposure to high temperature ambient or fire will break the coating layer or
plastic case of the capacitor, and may lead to melting and ignition of the
capacitor element.
Humid ambient: If used for a long time in a humid ambient, the capacitor might
absorb humidity and oxidize the electrodes causing damage to the capacitor. In
case of AC application, high humidity would increase the corona effect. This
phenomenon causes a drop in capacitance and an increase of capacitor losses.
Storage conditions:
1) Capacitors must not be stored in corrosive atmospheres, particularly not when
chlorides, sulfides, acids, lye, salts, organic solvents or similar substances are
present.
2) It must not be stored in high temperature and/or high humidity environments.
The following storage conditions must be kept (applicable only for storage in the
original package):
Temperature: ≤ 35 °C
Humidity: ≤ 80% RH, no dew allowed on the capacitor.
Storage time: ≤ 24 months (from the date marked on the capacitor's body or
on the label sticking to the package)
Mounting: Other devices, which are mounted near the capacitor, should not touch
the capacitor. Additional heat coming from other components near the capacitor
may reduce the lifetime of the capacitor. Do never attempt to bend or twist the
capacitor after mounting and avoid any mechanical stress on the terminals. Never
exceed the max. permissible torques when tightening the terminal screws or the
mounting bolt’s cap nuts.
Caution during use of Capacitors: Do not touch the terminals of capacitors.
Keep the capacitor free from conductive solution, such as acids, alkali and so on.
Ensure that the operating environment of the equipment into which the capacitor
has been built is within the specified conditions mentioned in the catalogue or
specification sheets.
Definition of electrical parameters: Separate documents as application notes,
equivalent circuit diagrams and so on are available on request.
Packaging: Please refer to the data book for details. Further information is
available on request.
Jianghai Europe Electronic Components GmbH v2 0514
2


Podobny numer części - CBB138DS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jianghai Europe GmbH
CBB131DL JIANGHAI-CBB131DL Datasheet
1Mb / 8P
   Polypropylene Film Capacitors for DC-Link Applications
CBB136DP JIANGHAI-CBB136DP Datasheet
566Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
CBB136GDG JIANGHAI-CBB136GDG Datasheet
501Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
More results

Podobny opis - CBB138DS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jianghai Europe GmbH
CBB136DP JIANGHAI-CBB136DP Datasheet
566Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
CBB136GDG JIANGHAI-CBB136GDG Datasheet
501Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
CBB131DL JIANGHAI-CBB131DL Datasheet
1Mb / 8P
   Polypropylene Film Capacitors for DC-Link Applications
logo
Cornell Dubilier Electr...
947C CDE-947C Datasheet
316Kb / 8P
   Polypropylene, DC Link Capacitors
944U101K801AA CDE-944U101K801AA Datasheet
471Kb / 4P
   Polypropylene Film Capacitors for DC Filtering
logo
Vishay Siliconix
MKP1848CDCLINK VISHAY-MKP1848CDCLINK Datasheet
191Kb / 20P
   Metallized Polypropylene Film Capacitor DC-Link Capacitor
Revision: 21-Sep-15
MKP1848C VISHAY-MKP1848C Datasheet
196Kb / 19P
   Metallized Polypropylene DC-Link Film Capacitor Industrial Grade
Revision: 01-Feb-2022
logo
Illinois Capacitor, Inc...
472PPA302KG ILLINOISCAPACITOR-472PPA302KG Datasheet
391Kb / 5P
   Polypropylene Film Capacitors for Power
logo
List of Unclassifed Man...
BLC300J901B4E ETC1-BLC300J901B4E Datasheet
294Kb / 4P
   Type BLC Polypropylene Board Mount DC Link Capacitors
logo
Cornell Dubilier Electr...
MPXQD47K CDE-MPXQD47K Datasheet
139Kb / 1P
   Polypropylene Film Capacitors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com