Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CBB162IP Arkusz danych(PDF) 3 Page - Jianghai Europe GmbH

Numer części CBB162IP
Szczegółowy opis  Polypropylene Film Capacitors for Snubber Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGHAI [Jianghai Europe GmbH]
Strona internetowa  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CBB162IP Arkusz danych(HTML) 3 Page - Jianghai Europe GmbH

  CBB162IP Datasheet HTML 1Page - Jianghai Europe GmbH CBB162IP Datasheet HTML 2Page - Jianghai Europe GmbH CBB162IP Datasheet HTML 3Page - Jianghai Europe GmbH CBB162IP Datasheet HTML 4Page - Jianghai Europe GmbH CBB162IP Datasheet HTML 5Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CBB 162 IP Series
Dimensions
Preferred Style A:
4 Pin
Ød = 1,2mm +/-0,05
Lp = 5,0 +/- 1mm
Other Styles on request.
Marking
No.
Item
1
Brand
2
Series Designation
3
Capacitance, Tolerance, and Rated Voltage
4
Date Code
Internal Construction
No.
Item
Material
1
Dielectric Film
Polypropylene
2
Single-sided Metallized Film
PP + Al
3
Double sided Metallized Carrier Film
PET + Al
4
Metal Sprayed Contact
Zn + Sn/Zn
5
Terminals
Sn-coated Cu
6
Potting Compound
Epoxy
7
Case
Flame retardant PBT
2016 v1.2


Podobny numer części - CBB162IP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jianghai Europe GmbH
CBB161GIG JIANGHAI-CBB161GIG Datasheet
478Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
CBB161IL JIANGHAI-CBB161IL Datasheet
548Kb / 6P
   Polypropylene Film Capacitors for Snubber Applications
CBB165IS JIANGHAI-CBB165IS Datasheet
537Kb / 6P
   Polypropylene Film Capacitors for Snubber Applications
More results

Podobny opis - CBB162IP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jianghai Europe GmbH
CBB161GIG JIANGHAI-CBB161GIG Datasheet
478Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
CBB165IS JIANGHAI-CBB165IS Datasheet
537Kb / 6P
   Polypropylene Film Capacitors for Snubber Applications
CBB161IL JIANGHAI-CBB161IL Datasheet
548Kb / 6P
   Polypropylene Film Capacitors for Snubber Applications
logo
Cornell Dubilier Electr...
DPPM10D1K-F CDE-DPPM10D1K-F Datasheet
303Kb / 2P
   Polypropylene Film Capacitors Great for Compact Snubber Applications
941C CDE-941C Datasheet
353Kb / 5P
   Polypropylene Capacitors, for Pulse, Snubber
logo
Electronic Film Capacit...
MF1206TF EFC-MF1206TF Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
M1206TC EFC-M1206TC Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
M1206EFR EFC-M1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
MF1206TC EFC-MF1206TC Datasheet
13Kb / 1P
   Snubber Capacitors Polypropylene
MF1206EFR EFC-MF1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com