Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CBB165IS Arkusz danych(PDF) 1 Page - Jianghai Europe GmbH

Numer części CBB165IS
Szczegółowy opis  Polypropylene Film Capacitors for Snubber Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGHAI [Jianghai Europe GmbH]
Strona internetowa  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CBB165IS Arkusz danych(HTML) 1 Page - Jianghai Europe GmbH

  CBB165IS Datasheet HTML 1Page - Jianghai Europe GmbH CBB165IS Datasheet HTML 2Page - Jianghai Europe GmbH CBB165IS Datasheet HTML 3Page - Jianghai Europe GmbH CBB165IS Datasheet HTML 4Page - Jianghai Europe GmbH CBB165IS Datasheet HTML 5Page - Jianghai Europe GmbH CBB165IS Datasheet HTML 6Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CBB 165 IS Series
Polypropylene Film Capacitors for Snubber Applications
Features
-
Very low dissipation factor
-
High peak pulse capability
-
Metal sprayed contacts for low ESL
-
Plates for direct IGBT connection
-
Self-healing
Applications
-
High pulse and high frequency circuits
-
IGBT applications
-
Frequency converters
-
Photovoltaic and wind inverters
Item
Characteristics
Climatic Category
40/85/56 (IEC 61071)
Operating Temperature
–4
0 ~ +85 °C (θhotspot ≤ 85 °C)
Storage Temperature
–40 ~ +85 °C
DC Voltage Rating UR,DC
850 ~ 3000 VDC
Capacitance Range
0,4 ~ 8,0 µF
Capacitance Tolerance
±10 % (K), ±5 % (J)
Voltage between Terminals UTT
1,5 * URDC (20 °C, 10 s)
Voltage between Terminals and Case UTC
3000 VAC (20 °C, 50 Hz, 10 s)
Capacitor Dissipation Factor
tan δ ≤ 5 * 10-4 (20 °C, 1 kHz)
Dielectric Dissipation Factor
tan δo ≤ 2 * 10-4 (20 °C, 1 kHz)
Insulation Resistance
≥ 30.000 MΩ µF (20 °C, 100 VDC, 1 min)
Series Inductance
LS (typ.)
≤ 20 nH (20 °C)
Life Time Expectancy
≥ 100.000 h, Failure Rate ≤100 FIT (70 °C)
Reference Standard
IEC 61071:2007, REACH, RoHS
Ratings for CBB 165 IS series
UR
(V)
Code
CR
(µF)
dV/dt
20 °C
(V/μS)
Î(1)
(A)
Rs(2)
100 kHz
20 °C
(mΩ)
Imax(3)
100 kHz
70 °C
(A)
W
±1.0
(mm)
H
±1.0
(mm)
T
±1.0
(mm)
Ordering Code
850VDC
(450VAC)
K2
1.20
200
240
10
11.8
42,5
28
24
FCSK2IS125**FA****14*E3
2.00
200
400
9
15.6
42,5
36
24
FCSK2IS205**FD****14*E3
2.50
200
500
8
17.6
42,5
33
33
FCSK2IS255**FB****14*E3
2.80
200
560
7
19.8
42,5
35.5
33.5
FCSK2IS285**FC****14*E3
3.30
200
660
6
21.5
42,5
45
30
FCSK2IS335**FF****14*E3
4.00
200
800
5
24
42,5
43
42
FCSK2IS405**FE****14*E3
4.50
130
585
5
24
57,5
43,5
29,5
FCSK2IS455**HG****14*E3
4.80
130
624
4
25
57,5
45
30
FCSK2IS485**HH****14*E3
5.50
130
715
4
25
57,5
45
35
FCSK2IS555**HJ****14*E3
6.50
130
845
3
26
57,5
50
35
FCSK2IS655**HL****14*E3
7.00
130
910
3
26
57,5
45
45
FCSK2IS705**HK****14*E3
8.00
130
1040
3
29
57,5
55
40
FCSK2IS805**HM****14*E3
(1) Maximum permissible peak current
“*” to be defined, see ordering code table
(2) Series resistance at 20°C ambient temperature
Customized products are available on request
(3) Maximum permissible r.m.s. ripple current
2016 v2.2


Podobny numer części - CBB165IS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jianghai Europe GmbH
CBB161GIG JIANGHAI-CBB161GIG Datasheet
478Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
CBB161IL JIANGHAI-CBB161IL Datasheet
548Kb / 6P
   Polypropylene Film Capacitors for Snubber Applications
CBB162IP JIANGHAI-CBB162IP Datasheet
438Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
More results

Podobny opis - CBB165IS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jianghai Europe GmbH
CBB162IP JIANGHAI-CBB162IP Datasheet
438Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
CBB161GIG JIANGHAI-CBB161GIG Datasheet
478Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
CBB161IL JIANGHAI-CBB161IL Datasheet
548Kb / 6P
   Polypropylene Film Capacitors for Snubber Applications
logo
Cornell Dubilier Electr...
DPPM10D1K-F CDE-DPPM10D1K-F Datasheet
303Kb / 2P
   Polypropylene Film Capacitors Great for Compact Snubber Applications
941C CDE-941C Datasheet
353Kb / 5P
   Polypropylene Capacitors, for Pulse, Snubber
logo
Electronic Film Capacit...
MF1206TF EFC-MF1206TF Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
M1206TC EFC-M1206TC Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
M1206EFR EFC-M1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
MF1206TC EFC-MF1206TC Datasheet
13Kb / 1P
   Snubber Capacitors Polypropylene
MF1206EFR EFC-MF1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com