Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDC318A Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części CDC318A
Szczegółowy opis  1Line to 10Line Clock Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDC318A Arkusz danych(HTML) 3 Page - Texas Instruments

  CDC318A Datasheet HTML 1Page - Texas Instruments CDC318A Datasheet HTML 2Page - Texas Instruments CDC318A Datasheet HTML 3Page - Texas Instruments CDC318A Datasheet HTML 4Page - Texas Instruments CDC318A Datasheet HTML 5Page - Texas Instruments CDC318A Datasheet HTML 6Page - Texas Instruments CDC318A Datasheet HTML 7Page - Texas Instruments CDC318A Datasheet HTML 8Page - Texas Instruments CDC318A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CDC318A
1LINE TO 18LINE CLOCK DRIVER
WITH I2C CONTROL INTERFACE
SCAS614A − SEPTEMBER 1998 − REVISED JUNE 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
1Y0−1Y3
4, 5, 8, 9
O
3.3-V SDRAM byte 0 clock outputs
2Y0−2Y3
13, 14, 17, 18
O
3.3-V SDRAM byte 1 clock outputs
3Y0−3Y3
31, 32, 35, 36
O
3.3-V SDRAM byte 2 clock outputs
4Y0−4Y3
40, 41, 44, 45
O
3.3-V SDRAM byte 3 clock outputs
5Y0−5Y1
21, 28
O
3.3-V clock outputs provided for feedback control of external phase-locked loops (PLLs)
A
11
I
Clock input
OE
38
I
Output enable. When asserted, OE puts all outputs in a high-impedance state. A nominal
140-k
Ω pullup resistor is internally integrated.
SCLOCK
25
I
I2C serial clock input. A nominal 140-k
Ω pullup resistor is internally integrated.
SDATA
24
I/O
Bidirectional I2C serial data input/output. A nominal 140-k
Ω pullup resistor is internally
integrated.
GND
6, 10, 15, 19, 22, 26,
27, 30, 34, 39, 43
Ground
NC
1, 2, 47, 48
No internal connection. Reserved for future use.
VCC
3, 7, 12, 16, 20, 23,
29, 33, 37, 42, 46
3.3-V power supply
I2C DEVICE ADDRESS
A7
A6
A5
A4
A3
A2
A1
A0 (R/W)
H
H
L
H
L
L
H
I2C BYTE 0-BIT DEFINITION†
BIT
DEFINITION
DEFAULT VALUE
7
2Y3 enable (pin 18)
H
6
2Y2 enable (pin 17)
H
5
2Y1 enable (pin 14)
H
4
2Y0 enable (pin 13)
H
3
1Y3 enable (pin 9)
H
2
1Y2 enable (pin 8)
H
1
1Y1 enable (pin 5)
H
0
1Y0 enable (pin 4)
H
† When the value of the bit is high, the output is enabled.
When the value of the bit is low, the output is forced to a
low state. The default value of all bits is high.


Podobny numer części - CDC318A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC318A TI-CDC318A Datasheet
182Kb / 12P
[Old version datasheet]   1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC318ADL TI-CDC318ADL Datasheet
182Kb / 12P
[Old version datasheet]   1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
More results

Podobny opis - CDC318A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC319 TI1-CDC319_08 Datasheet
361Kb / 15P
[Old version datasheet]   1Line to 10Line Clock Driver
CDC391 TI1-CDC391_09 Datasheet
116Kb / 7P
[Old version datasheet]   1Line to 6Line Clock Driver
CDC340 TI1-CDC340_08 Datasheet
131Kb / 8P
[Old version datasheet]   1Line to 8Line Clock Driver
CDC329A TI1-CDC329A_08 Datasheet
299Kb / 10P
[Old version datasheet]   1Line to 6Line Clock Driver
CDC328A TI1-CDC328A_09 Datasheet
110Kb / 7P
[Old version datasheet]   1Line to 6Line Clock Driver
SN74LVC2G157 TI-SN74LVC2G157 Datasheet
346Kb / 13P
[Old version datasheet]   SINGL 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
logo
Fairchild Semiconductor
GTLP6C816A FAIRCHILD-GTLP6C816A Datasheet
52Kb / 7P
   LVTTL-to-GTLP Clock Driver
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
   PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
   PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com