Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDC318A Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części CDC318A
Szczegółowy opis  1Line to 10Line Clock Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDC318A Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button CDC318A Datasheet HTML 6Page - Texas Instruments CDC318A Datasheet HTML 7Page - Texas Instruments CDC318A Datasheet HTML 8Page - Texas Instruments CDC318A Datasheet HTML 9Page - Texas Instruments CDC318A Datasheet HTML 10Page - Texas Instruments CDC318A Datasheet HTML 11Page - Texas Instruments CDC318A Datasheet HTML 12Page - Texas Instruments CDC318A Datasheet HTML 13Page - Texas Instruments CDC318A Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CDC318A
1LINE TO 18LINE CLOCK DRIVER
WITH I2C CONTROL INTERFACE
SCAS614A − SEPTEMBER 1998 − REVISED JUNE 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
DUT
RL = 1 kΩ
VO = 3.3 V
CL = 10 pF or
CL = 400 pF
GND
tsu(START)
t(BUS)
tr(SDATA)
th(START)
tsu(SDATA)
th(SDATA)
tf
tr
tw(SCLL)
tw(SCLH)
tsu(START)
tPHL
tPLH
0.7 VCC
0.3 VCC
0.7 VCC
0.3 VCC
Stop Condition
tsu(STOP)
Repeat Start
Condition
(see Note A)
Start or
Repeat Start
Condition
SCLOCK
SDATA
Start
Condition
(S)
Bit 7
MSB
Bit 6
Bit 0
LSB
(R/W)
Acknowledge
(A)
Stop
Condition
(P)
4 to 6 Bytes for Complete Device
Programming
TEST CIRCUIT
VOLTAGE WAVEFORMS
tf(SDATA)
BYTE
DESCRIPTION
1
I2C address
2
Command (dummy value, ignored)
3
Byte count (dummy value, ignored)
4
I2C data byte 0
5
I2C data byte 1
6
I2C data byte 2
NOTES: A. The repeat start condition is not supported.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 100 kHz, ZO = 50 Ω, tr ≥ 10 ns, tf ≥ 10 ns.
Figure 3. Propagation Delay Times, tr and tf


Podobny numer części - CDC318A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC318A TI-CDC318A Datasheet
182Kb / 12P
[Old version datasheet]   1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
CDC318ADL TI-CDC318ADL Datasheet
182Kb / 12P
[Old version datasheet]   1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
More results

Podobny opis - CDC318A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC319 TI1-CDC319_08 Datasheet
361Kb / 15P
[Old version datasheet]   1Line to 10Line Clock Driver
CDC391 TI1-CDC391_09 Datasheet
116Kb / 7P
[Old version datasheet]   1Line to 6Line Clock Driver
CDC340 TI1-CDC340_08 Datasheet
131Kb / 8P
[Old version datasheet]   1Line to 8Line Clock Driver
CDC329A TI1-CDC329A_08 Datasheet
299Kb / 10P
[Old version datasheet]   1Line to 6Line Clock Driver
CDC328A TI1-CDC328A_09 Datasheet
110Kb / 7P
[Old version datasheet]   1Line to 6Line Clock Driver
SN74LVC2G157 TI-SN74LVC2G157 Datasheet
346Kb / 13P
[Old version datasheet]   SINGL 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
logo
Fairchild Semiconductor
GTLP6C816A FAIRCHILD-GTLP6C816A Datasheet
52Kb / 7P
   LVTTL-to-GTLP Clock Driver
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
   PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
   PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com