Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDC319 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części CDC319
Szczegółowy opis  1Line to 10Line Clock Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDC319 Arkusz danych(HTML) 2 Page - Texas Instruments

  CDC319_08 Datasheet HTML 1Page - Texas Instruments CDC319_08 Datasheet HTML 2Page - Texas Instruments CDC319_08 Datasheet HTML 3Page - Texas Instruments CDC319_08 Datasheet HTML 4Page - Texas Instruments CDC319_08 Datasheet HTML 5Page - Texas Instruments CDC319_08 Datasheet HTML 6Page - Texas Instruments CDC319_08 Datasheet HTML 7Page - Texas Instruments CDC319_08 Datasheet HTML 8Page - Texas Instruments CDC319_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CDC319
1-LINE TO 10-LINE CLOCK DRIVER
WITH I2C CONTROL INTERFACE
SCAS590A – DECEMBER 1997 – REVISED OCTOBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
INPUTS
OUTPUTS
OE
A
1Y0–1Y3
2Y0–2Y3
3Y0–3Y1
L
X
Hi-Z
Hi-Z
Hi-Z
H
L
L
L
L
H
H
H†
H†
H†
† The function table assumes that all outputs are enabled via the appropriate I2C
configuration register bit. If the output is disabled via the appropriate configuration bit,
then the output is driven to a low state, regardless of the state of the A input.
logic diagram (positive logic)
1Y0–1Y3
2Y0–2Y3
3Y0 – 3Y1
OE
SDATA
SCLOCK
A
I2C
Register
Space
I2C
20
14
15
9
2, 3, 6, 7
22, 23, 26, 27
11, 18
10
/
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
1Y0–1Y3
2, 3, 6, 7
O
3.3-V SDRAM byte 0 clock outputs
2Y0–2Y3
22, 23, 26, 27
O
3.3-V SDRAM byte 1 clock outputs
3Y0–3Y1
11, 18
O
3.3-V clock outputs provided for feedback control of external PLLs (phase-locked loops)
A
9
I
Clock input
OE
20
I
Output enable. When asserted, OE puts all outputs in a high-impedance state. A nominal
140-k
Ω pullup resistor is internally integrated.
SCLOCK
15
I
I2C serial clock input. A nominal 140-k
Ω pullup resistor is internally integrated.
SDATA
14
I/O
Bidirectional I2C serial data input/output. A nominal 140-k
Ω pullup resistor is internally
integrated.
GND
4, 8, 12, 16,
17, 21, 25
Ground
VCC
1, 5, 10, 13,
19, 24, 28
3.3-V power supply


Podobny numer części - CDC319_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC319DB TI-CDC319DB Datasheet
168Kb / 11P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
More results

Podobny opis - CDC319_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC318A TI1-CDC318A_12 Datasheet
500Kb / 14P
[Old version datasheet]   1Line to 10Line Clock Driver
CDC391 TI1-CDC391_09 Datasheet
116Kb / 7P
[Old version datasheet]   1Line to 6Line Clock Driver
CDC340 TI1-CDC340_08 Datasheet
131Kb / 8P
[Old version datasheet]   1Line to 8Line Clock Driver
CDC329A TI1-CDC329A_08 Datasheet
299Kb / 10P
[Old version datasheet]   1Line to 6Line Clock Driver
CDC328A TI1-CDC328A_09 Datasheet
110Kb / 7P
[Old version datasheet]   1Line to 6Line Clock Driver
SN74LVC2G157 TI-SN74LVC2G157 Datasheet
346Kb / 13P
[Old version datasheet]   SINGL 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
logo
Fairchild Semiconductor
GTLP6C816A FAIRCHILD-GTLP6C816A Datasheet
52Kb / 7P
   LVTTL-to-GTLP Clock Driver
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
   PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
   PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com